Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6363CSX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6363CSX
Description  Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6363CSX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6363CSX Datasheet HTML 1Page - Fairchild Semiconductor FMS6363CSX Datasheet HTML 2Page - Fairchild Semiconductor FMS6363CSX Datasheet HTML 3Page - Fairchild Semiconductor FMS6363CSX Datasheet HTML 4Page - Fairchild Semiconductor FMS6363CSX Datasheet HTML 5Page - Fairchild Semiconductor FMS6363CSX Datasheet HTML 6Page - Fairchild Semiconductor FMS6363CSX Datasheet HTML 7Page - Fairchild Semiconductor FMS6363CSX Datasheet HTML 8Page - Fairchild Semiconductor FMS6363CSX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6363 • Rev. 1.0.3
3
DC Electrical Characteristics
TA=25°C, VCC=5V, RSOURCE=37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled with 220µF into150Ω loads,
referenced to 400kHz; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
ICC
Supply Current
(1)
No Load
22
30
mA
VIN
Video Input Voltage Range
Referenced to GND, if DC-coupled
1.4
VPP
Note
:
1.
100% tested at 25°C.
AC Electrical Characteristics
TA=25°C, VIN=1VPP, VCC=5V, RSOURCE=37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled with 220µF
into150
Ω loads, referenced to 400kHz; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
AV
Channel Gain
(2)
All Channels
5.8
6.0
6.2
dB
f1dB
-1dB Bandwidth
(2)
All Channels
23
30
MHz
fC
-3dB Bandwidth
All Channels
30
33
MHz
fSB1
All Channels at f=37.125MHz
6.5
fSB2
All Channels at f=44.25MHz
14.5
fSB3
Attenuation, Stopband Reject
All Channels at f=74.25MHz
(2)
32
36
dB
THD1
VOUT=1.4VPP, 10MHz
0.2
THD2
VOUT=1.4VPP, 15MHz
0.4
THD3
Output Distortion, All Channels
(3)
VOUT=1.4VPP, 22MHz
1.2
%
XTALK
Crosstalk Channel-to-Channel
At 1MHz
-60
dB
SNR1
SNR2
Signal-to-Noise Ratio,
All Channels
(4)
Unweighed; 30MHz lowpass,
100KHz to 30HKz
65
dB
tpd
Propagation Delay
Delay from input to output
20
ns
Notes
:
2.
100% tested at 25°C.
3.
1.4VPP active video.
4.
SNR=20 • log (714mV/rms noise).


Similar Part No. - FMS6363CSX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6363CSX FAIRCHILD-FMS6363CSX Datasheet
35Kb / 1P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363CSX FAIRCHILD-FMS6363CSX Datasheet
229Kb / 10P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
logo
ON Semiconductor
FMS6363CSX ONSEMI-FMS6363CSX Datasheet
693Kb / 12P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
July 2009 Rev. 1.0.4
More results

Similar Description - FMS6363CSX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6363_0512 FAIRCHILD-FMS6363_0512 Datasheet
229Kb / 10P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363 Datasheet
35Kb / 1P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
logo
ON Semiconductor
FMS6363 ONSEMI-FMS6363 Datasheet
693Kb / 12P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
July 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6143A FAIRCHILD-FMS6143A Datasheet
400Kb / 13P
   Low-Cost Three-Channel 6th-Order Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
FMS6144A FAIRCHILD-FMS6144A Datasheet
411Kb / 13P
   Low-Cost, Four-Channel, 6th-Order SD Video Filter Driver
FMS6363ACSX FAIRCHILD-FMS6363ACSX Datasheet
330Kb / 10P
   Three-Channel 7th-Order High-Definition VoltagePlus??Video Filter Driver
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com