Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF1009 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FPF1009
Description  IntelliMAX??Advanced Load Products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1009 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FPF1009 Datasheet HTML 1Page - Fairchild Semiconductor FPF1009 Datasheet HTML 2Page - Fairchild Semiconductor FPF1009 Datasheet HTML 3Page - Fairchild Semiconductor FPF1009 Datasheet HTML 4Page - Fairchild Semiconductor FPF1009 Datasheet HTML 5Page - Fairchild Semiconductor FPF1009 Datasheet HTML 6Page - Fairchild Semiconductor FPF1009 Datasheet HTML 7Page - Fairchild Semiconductor FPF1009 Datasheet HTML 8Page - Fairchild Semiconductor FPF1009 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.fairchildsemi.com
FPF1007-FPF1009 Rev. B1
Electrical Characteristics Cont.
VIN = 1.2 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Note 1: Package power dissipation on 1square inch pad, 2 oz. copper board.
Parameter
Symbol
Conditions
Min. Typ. Max. Units
On-Resistance
RON
VIN = 5.5V, IOUT = 200mA, TA = 25°C
30
40
mΩ
VIN = 3.3V, IOUT = 200mA, TA = 25°C
40
55
VIN = 1.5V, IOUT = 200mA, TA = 25°C
100
130
VIN = 1.2V, IOUT = 200mA, TA = 25°C
175
250
VIN = 3.3V, IOUT = 200mA, TA = -40°C to +85°C
20
65
Output Pull Down Resistance
RPD
VIN = 3.3V, VON = 0V, TA = 25°C
60
ON Input Logic Low Voltage
VIL
VIN = 1.2V to 5.5V
0.4
V
ON Input Logic High Voltage
VIH
VIN = 1.2V to 5.5V
1
V
ON Input Leakage (On)
VON = VIN = 5.5V
-1
10
µA
ON Input Leakage (Off)
VON = GND
-1
1
µA
Dynamic
FPF1007
Turn On
tON
VIN = 3.3V, RL = 500Ω, RL_CHIP = 60Ω,
COUT = 0.1µF, TA = 25°C
12
µs
Rise Time
tR
10
µs
Turn Off
tOFF
40
µs
Fall Time
tF
15
µs
FPF1008
Turn On
tON
VIN = 3.3V, RL = 500Ω, RL_CHIP = 60Ω,
COUT = 0.1µF, TA = 25°C
125
µs
Rise Time
tR
80
µs
Turn Off
tOFF
40
µs
Fall Time
tF
15
µs
FPF1009
Turn On
tON
VIN = 3.3V, RL = 500Ω, RL_CHIP = 60Ω,
COUT = 0.1µF, TA = 25°C
2ms
Rise Time
tR
1ms
Turn Off
tOFF
40
µs
Fall Time
tF
15
µs


Similar Part No. - FPF1009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF1009 ONSEMI-FPF1009 Datasheet
1Mb / 11P
   Advanced Load Products
October-2017, Rev. 2
logo
Fairchild Semiconductor
FPF1009 FAIRCHILD-FPF1009_12 Datasheet
1Mb / 12P
   IntelliMAX??Advanced Load Products
More results

Similar Description - FPF1009

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1007 FAIRCHILD-FPF1007_12 Datasheet
1Mb / 12P
   IntelliMAX??Advanced Load Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com