Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2101 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FPF2101
Description  IntelliMAX??Advanced Load Management Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2101 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FPF2101 Datasheet HTML 4Page - Fairchild Semiconductor FPF2101 Datasheet HTML 5Page - Fairchild Semiconductor FPF2101 Datasheet HTML 6Page - Fairchild Semiconductor FPF2101 Datasheet HTML 7Page - Fairchild Semiconductor FPF2101 Datasheet HTML 8Page - Fairchild Semiconductor FPF2101 Datasheet HTML 9Page - Fairchild Semiconductor FPF2101 Datasheet HTML 10Page - Fairchild Semiconductor FPF2101 Datasheet HTML 11Page - Fairchild Semiconductor FPF2101 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.fairchildsemi.com
FPF2100-FPF2107 Rev. H
Typical Characteristics
Figure 19. Short Circuit Response Time
Figure 20. Current Limit Response
(Output Shorted to GND)
(Switch power up to hard short)
Figure 21. Current Limit Response Time
(Output Shorted to GND by 10Ω, moderate short)
Note 3: VDRV signal forces the device to go into overcurrent condition.
VIN
2V / DIV
IOUT
5A/DIV
VOUT
2V/DIV
20µS/DIV
50µS/DIV
VIN/VON
2V/DIV
IOUT
200mA/DIV
VIN = VON
Active High Devices
CIN = 10µF
COUT = 0.1µF
VIN
2V/DIV
VON
2V/DIV
IOUT
200mA/DIV
50µS/DIV
Active High Devices


Similar Part No. - FPF2101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2101 FAIRCHILD-FPF2101 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
More results

Similar Description - FPF2101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com