Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2163 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FPF2163
Description  Full Function Load Switch with Adjustable Current Limit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2163 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FPF2163_07 Datasheet HTML 5Page - Fairchild Semiconductor FPF2163_07 Datasheet HTML 6Page - Fairchild Semiconductor FPF2163_07 Datasheet HTML 7Page - Fairchild Semiconductor FPF2163_07 Datasheet HTML 8Page - Fairchild Semiconductor FPF2163_07 Datasheet HTML 9Page - Fairchild Semiconductor FPF2163_07 Datasheet HTML 10Page - Fairchild Semiconductor FPF2163_07 Datasheet HTML 11Page - Fairchild Semiconductor FPF2163_07 Datasheet HTML 12Page - Fairchild Semiconductor FPF2163_07 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.fairchildsemi.com
FPF2163/4/5 Rev. D
Application Information
Typical Application
OFF ON
ON
VIN
GND
FPF2163/4/5
ISET
VOUT
LOAD
Battery
1.8V-5.5V
C1 = 0.1µF
RSET
C2 = 0.1µF
R2 = 499Ω
FLAGB
Setting Current Limit
The FPF2163, FPF2164, and FPF2165 have a current limit
which is set with an external resistor connected between ISET
and GND. This resistor is selected by using the following
equation,
RSET is in Ohms and that of ILIM is Amps
The table below can also be used to select RSET. A typical
application would be the 500mA current that is required by a
single USB port. Using the table below an appropriate selection
for the RSET resistor would be 394Ω. This will ensure that the
port load could draw 525mA, but not more than 875mA.
Likewise for a dual port system, an RSET of 185Ω would always
deliver at least 1125mA and never more than 1875mA
Current Limit Various RSET Values
Input Capacitor
To limit the voltage drop on the input supply caused by transient
in-rush currents when the switch is turned on into a discharged
load capacitor or a short-circuit, a capacitor needs to be placed
between VIN and GND. A 0.1uF ceramic capacitor, CIN, placed
close to the pins is usually sufficient. Higher values of CIN can
be used to further reduce the voltage drop.
Output Capacitor
A 0.1uF capacitor COUT, should be placed between VOUT and
GND. This capacitor will prevent parasitic board inductances
from forcing VOUT below GND when the switch turns-off. For the
FPF2163 and FPF2164, the total output capacitance needs to
be kept below a maximum value, COUT(max), to prevent the
part from registering an over-current condition and turning-off
the switch. The maximum output capacitance can be
determined from the following formula,
Power Dissipation
During normal operation as a switch, the power dissipated in the
part will depend upon the level at which the current limit is set.
The maximum allowed setting for the current limit is 1.5A and
this will result in a power dissipation of,
If the part goes into current limit the maximum power dissipation
will occur when the output is shorted to ground. For the
FPF2163, the power dissipation will scale by the Auto-Restart
Time, tRSTRT, and the Over Current Blanking Time, tBLANK, so
that the maximum power dissipated is,
RSET
[Ω]
Min. Current
Limit
[mA]
Typ. Current
Limit
[mA]
Max. Current
Limit
[mA]
185
1125
1500
1875
220
938
1250
1562
275
750
1000
1250
306
675
900
1125
345
600
800
1000
394
525
700
875
460
450
600
750
550
375
500
625
610
338
450
563
690
300
400
500
790
263
350
438
920
225
300
375
1100
188
250
313
1380
150
200
250
1830
113
150
188
(1)
RSET =
275.6
ILIM
(2)
COUT(max) =
ILIM(max) x tBLANK(min)
VIN
(3)
P = (ILIM)2 x RDS = (1.5)2 x 0.12 = 270mW
(4)
P(max) =
tBLANK
tBLANK + tRSTRT
x VIN(max) x ILIM(max)
=
30
30 + 450
x 5.5 x 1.5 = 515.6mW


Similar Part No. - FPF2163_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
More results

Similar Description - FPF2163_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
   Load Switch IC with Current Limit function
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com