Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2164 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FPF2164
Description  Full Function Load Switch with Adjustable Current Limit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2164 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FPF2164 Datasheet HTML 5Page - Fairchild Semiconductor FPF2164 Datasheet HTML 6Page - Fairchild Semiconductor FPF2164 Datasheet HTML 7Page - Fairchild Semiconductor FPF2164 Datasheet HTML 8Page - Fairchild Semiconductor FPF2164 Datasheet HTML 9Page - Fairchild Semiconductor FPF2164 Datasheet HTML 10Page - Fairchild Semiconductor FPF2164 Datasheet HTML 11Page - Fairchild Semiconductor FPF2164 Datasheet HTML 12Page - Fairchild Semiconductor FPF2164 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.fairchildsemi.com
FPF2163/4/5 Rev. D
This is more power than the package can dissipate, but the
thermal shutdown of the part will activate to protect the part from
damage due to excessive heating. When using the FPF2164,
attention must be given to the manual resetting of the part. The
junction temperature will only be able to increase to the thermal
shutdown threshold. Once this temperature has been reached,
toggling ON will not turn-on the switch until the junction
temperature drops. For the FPF2165, a short on the output will
cause the part to operate in a constant current state dissipating
a worst case power of,
This large amount of power will activate the thermal shutdown
and the part will cycle in and out of thermal shutdown so long as
the ON pin is active and the short is present.
Board Layout
For best performance, all traces should be as short as possible.
To be most effective, the input and output capacitors should be
placed close to the device to minimize the effects that parasitic
trace inductances may have on normal and short-circuit
operation. Using wide traces for VIN, VOUT and GND will help
minimize parasitic electrical effects along with minimizing the
case to ambient thermal impedance.
The middle pad (pin 7) should be connected to the GND plate
of PCB for improving thermal performance of the load switch.
An improper layout could result higher junction temperature and
triggering the thermal shutdown protection feature. This concern
applies when the switch is set at higher current limit value and
an overcurrent condition occurs. In this case power dissipation
of the switch (PD = (VIN - VOUT) x ILIM(max)) could exceed the
maximum absolute power dissipation of 1.2W.
(5)
P(max) = VIN(max) x ILIM(max)
= 5.5 x 1.5 = 8.25W


Similar Part No. - FPF2164

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2164 FAIRCHILD-FPF2164 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2164 FAIRCHILD-FPF2164 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
More results

Similar Description - FPF2164

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
   Load Switch IC with Current Limit function
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com