Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4082A Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT4082A
Description  16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4082A Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT4082A Datasheet HTML 3Page - Active-Semi, Inc ACT4082A Datasheet HTML 4Page - Active-Semi, Inc ACT4082A Datasheet HTML 5Page - Active-Semi, Inc ACT4082A Datasheet HTML 6Page - Active-Semi, Inc ACT4082A Datasheet HTML 7Page - Active-Semi, Inc ACT4082A Datasheet HTML 8Page - Active-Semi, Inc ACT4082A Datasheet HTML 9Page - Active-Semi, Inc ACT4082A Datasheet HTML 10Page - Active-Semi, Inc ACT4082A Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACT4082A
Rev0, 16-May-08
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
Active-Semi
Hiccup Mode
If the ACT4082A transitions from normal operation
to a severe overload condition (the voltage at FB
falls below 0.3V), the controller automatically enters
"Hiccup Mode" to provide maximum protection to
the system. In hiccup mode, the IC stops switching,
clears the soft-start circuitry, then attempts to re-
start. If the overload condition has been removed,
the IC will start up normally and continue regulating.
In the case of a sustained overload, however, the
IC will attempt to regulate for a period of time equal
to 3x the soft-start period (1.5ms). If the overload
condition persists until the end of this period, the IC
will begin another hiccup cycle. This hiccup-mode
control scheme minimizes power dissipation during
severe overload conditions, and ensures that the
ACT4082A responds quickly to instantaneous se-
vere overload conditions while providing immunity
to false hiccups that may occur with a heavily
loaded output.
Thermal Shutdown
The ACT4082A automatically turns off when the IC
junction temperature exceeds 160°C, and re-
enables when the IC junction temperature drops by
10°C (typ).
PC Board Layout
The high current paths at G, IN and SW should be
placed very close to the device with short, direct
and wide traces. The input capacitor needs to be as
close as possible to the IN and G pins. The external
feedback resistors should be placed next to the FB
pin. Keep the switch node traces short and away
from the feedback network and use shielded
inductors.


Similar Part No. - ACT4082A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
1Mb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev PrA, 24-Jul-07
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
482Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 13-May-08
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
496Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 1, 14-Feb-11
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
495Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
494Kb / 12P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
More results

Similar Description - ACT4082A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4088 ACTIVE-SEMI-ACT4088_11 Datasheet
496Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 1, 14-Feb-11
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
1Mb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev PrA, 24-Jul-07
ACT4088 ACTIVE-SEMI-ACT4088_08 Datasheet
482Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 13-May-08
ACT4088 ACTIVE-SEMI-ACT4088_14 Datasheet
494Kb / 12P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088 ACTIVE-SEMI-ACT4088_12 Datasheet
495Kb / 11P
   28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
   1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Monolithic Power System...
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
   1A, 16V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com