Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6357 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT6357
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6357 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT6357 Datasheet HTML 1Page - Active-Semi, Inc ACT6357 Datasheet HTML 2Page - Active-Semi, Inc ACT6357 Datasheet HTML 3Page - Active-Semi, Inc ACT6357 Datasheet HTML 4Page - Active-Semi, Inc ACT6357 Datasheet HTML 5Page - Active-Semi, Inc ACT6357 Datasheet HTML 6Page - Active-Semi, Inc ACT6357 Datasheet HTML 7Page - Active-Semi, Inc ACT6357 Datasheet HTML 8Page - Active-Semi, Inc ACT6357 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACT6357/ACT6358
Rev0, 03-Feb-08
Innovative Products. Active Solutions.
- 3 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
SW to G
-0.3 to 42
V
IN, EN to G
-0.3 to 6
V
FB, OV, BC, SS to G
-0.3 to VIN + 0.3
V
Continuous SW Current
Internally Limited
Junction to Ambient Thermal Resistance (θJA)
42.5
°C/W
1.9
W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Maximum Power Dissipation
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.


Similar Part No. - ACT6357

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6357 ACTIVE-SEMI-ACT6357 Datasheet
1Mb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrB, 30-Aug-07
ACT6357 ACTIVE-SEMI-ACT6357 Datasheet
410Kb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6357 ACTIVE-SEMI-ACT6357 Datasheet
410Kb / 11P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6357NH-T ACTIVE-SEMI-ACT6357NH-T Datasheet
1Mb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrB, 30-Aug-07
ACT6357NH-T ACTIVE-SEMI-ACT6357NH-T Datasheet
410Kb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
More results

Similar Description - ACT6357

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6359 ACTIVE-SEMI-ACT6359_08 Datasheet
236Kb / 8P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 13-May-08
ACT6360 ACTIVE-SEMI-ACT6360_11 Datasheet
233Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
ACT6357 ACTIVE-SEMI-ACT6357_14 Datasheet
410Kb / 11P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6359 ACTIVE-SEMI-ACT6359_14 Datasheet
230Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 2, 22-Aug-13
ACT6360 ACTIVE-SEMI-ACT6360_08 Datasheet
262Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 23-May-08
ACT6360 ACTIVE-SEMI-ACT6360 Datasheet
254Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 25-Dec-07
ACT6359 ACTIVE-SEMI-ACT6359 Datasheet
417Kb / 8P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 20-Nov-07
ACT6357 ACTIVE-SEMI-ACT6357_12 Datasheet
410Kb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6360 ACTIVE-SEMI-ACT6360_14 Datasheet
259Kb / 10P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 2, 22-Aug-13
ACT6359 ACTIVE-SEMI-ACT6359_11 Datasheet
209Kb / 8P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com