Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT6391MH-T Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT6391MH-T
Description  1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6391MH-T Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT6391MH-T Datasheet HTML 1Page - Active-Semi, Inc ACT6391MH-T Datasheet HTML 2Page - Active-Semi, Inc ACT6391MH-T Datasheet HTML 3Page - Active-Semi, Inc ACT6391MH-T Datasheet HTML 4Page - Active-Semi, Inc ACT6391MH-T Datasheet HTML 5Page - Active-Semi, Inc ACT6391MH-T Datasheet HTML 6Page - Active-Semi, Inc ACT6391MH-T Datasheet HTML 7Page - Active-Semi, Inc ACT6391MH-T Datasheet HTML 8Page - Active-Semi, Inc ACT6391MH-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
SIMPLIFIED APPLICATION CIRCUIT
ACT6390/ACT6391
1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
FEATURES
Greater than 90% Efficiency
Adjustable Output Voltage Up to 12V
Internal 14V Power MOSFET
Two Peak Current Options:
− ACT6390: 1.7A, 0.2Ω
− ACT6391: 2.5A, 0.15Ω
Selectable 700kHz/1.3MHz Frequency
Integrated Over-Voltage Protection (OVP)
Programmable Soft-Start Function
Thermal Shutdown
Cycle-by-Cycle Over-Current Protection
Small MSOP-8 Package
APPLICATIONS
TFT LCD Monitors
Battery-Powered Equipment
Set-Top Boxes
DSL and Cable Modems and Routers
GENERAL DESCRIPTION
The ACT6390/ACT6391 are high-performance,
fixed-frequency,
current-mode
PWM
step-up
DC/DC converters that incorporate internal power
MOSFETs. The ACT6390 includes an integrated
0.2Ω power MOSFET that supports peak currents
of up to 1.7A, while the ACT6391’s integrated
0.15Ω power MOSFET supports currents of up to
2.5A.
The ACT6390 and ACT6391 both utilize simple ex-
ternal loop compensation and a pin-selectable
fixed-frequency of either 700kHz or 1.3MHz, allow-
ing optimization between component size, cost, and
AC performance across a wide range of applica-
tions. Additional functions include an externally pro-
grammable soft-start function for easy inrush cur-
rent control, internal over-voltage protection (OVP),
cycle-by-cycle current limit protection, and thermal
shutdown.
Both the ACT6390 and the ACT6391 are available
in the small 8-pin MSOP-8 package.
Rev0, 13-May-08
ACT6390
ACT6391
IN
SW
FB
G
VIN
VOUT
EN
FREQ
SS
COMP
2.7V to 5.5V
OFF
1.3MHz
700kHz
ON
R1
R2


Similar Part No. - ACT6391MH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6391MH-T ACTIVE-SEMI-ACT6391MH-T Datasheet
1,021Kb / 11P
   1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev PrA, 01-Sep-07
ACT6391MH-T ACTIVE-SEMI-ACT6391MH-T Datasheet
404Kb / 12P
   1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev 1, 22-Aug-13
More results

Similar Description - ACT6391MH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6390 ACTIVE-SEMI-ACT6390 Datasheet
1,021Kb / 11P
   1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev PrA, 01-Sep-07
ACT6390 ACTIVE-SEMI-ACT6390_14 Datasheet
404Kb / 12P
   1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
Rev 1, 22-Aug-13
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com