Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA20N50F Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDA20N50F
Description  N-Channel MOSFET 500V, 22A, 0.26廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA20N50F Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDA20N50F Datasheet HTML 1Page - Fairchild Semiconductor FDA20N50F Datasheet HTML 2Page - Fairchild Semiconductor FDA20N50F Datasheet HTML 3Page - Fairchild Semiconductor FDA20N50F Datasheet HTML 4Page - Fairchild Semiconductor FDA20N50F Datasheet HTML 5Page - Fairchild Semiconductor FDA20N50F Datasheet HTML 6Page - Fairchild Semiconductor FDA20N50F Datasheet HTML 7Page - Fairchild Semiconductor FDA20N50F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDA20N50F Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
1
10
0.5
*Notes:
1. 250µs Pulse Test
2. TC = 25
oC
VGS = 15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
80
468
1
10
100
150
oC
*Notes:
1. VDS = 20V
2. 250µs Pulse Test
25
oC
VGS,Gate-Source Voltage[V]
0.0
0.5
1.0
1.5
1
10
100
*Notes:
1. V
GS = 0V
2. 250µs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0.2
0
255075
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
*Note: TJ = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.1
1
10
0
1500
3000
4500
6000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
50
0
102030405060
0
2
4
6
8
10
*Note: ID = 20A
VDS = 100V
VDS = 250V
VDS = 400V
Qg, Total Gate Charge [nC]


Similar Part No. - FDA20N50F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDA20N50F ISC-FDA20N50F Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDA20N50F FAIRCHILD-FDA20N50F_12 Datasheet
378Kb / 8P
   N-Channel MOSFET 500V, 22A, 0.26廓
More results

Similar Description - FDA20N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA20N50F FAIRCHILD-FDA20N50F_12 Datasheet
378Kb / 8P
   N-Channel MOSFET 500V, 22A, 0.26廓
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDP22N50N FAIRCHILD-FDP22N50N Datasheet
563Kb / 8P
   N-Channel MOSFET 500V, 22A, 0.22廓
FDP20N50F FAIRCHILD-FDP20N50F_11 Datasheet
375Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
   500V,22A N-Channel MOSFET
AOT22N50 AOSMD-AOT22N50 Datasheet
539Kb / 6P
   500V,22A N-Channel MOSFET
logo
STMicroelectronics
STB20NM60D STMICROELECTRONICS-STB20NM60D Datasheet
283Kb / 13P
   N-channel 600V - 0.26廓 - 20A - D2PAK FDmesh??Power MOSFET
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com