Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V82658J04S Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V82658J04S
Description  2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V82658J04S Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V82658J04S Datasheet HTML 1Page - Mosel Vitelic, Corp V82658J04S Datasheet HTML 2Page - Mosel Vitelic, Corp V82658J04S Datasheet HTML 3Page - Mosel Vitelic, Corp V82658J04S Datasheet HTML 4Page - Mosel Vitelic, Corp V82658J04S Datasheet HTML 5Page - Mosel Vitelic, Corp V82658J04S Datasheet HTML 6Page - Mosel Vitelic, Corp V82658J04S Datasheet HTML 7Page - Mosel Vitelic, Corp V82658J04S Datasheet HTML 8Page - Mosel Vitelic, Corp V82658J04S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOSEL VITELIC
1
V82658J04S
2.5 VOLT 8M x 64 HIGH PERFORMANCE
UNBUFFERED DDR SDRAM MODULE
PRELIMINARY
V82658J04S Rev. 1.3 March 2002
Features
■ 184 Pin Unbuffered 8,388,608 x 64 bit
Organization DDR SDRAM Modules
■ Utilizes High Performance 8M x 16 DDR
SDRAM in TSOPII-66 Packages
■ Single +2.5V (± 0.2V) Power Supply
■ Programmable CAS Latency, Burst Length, and
Wrap Sequence (Sequential & Interleave)
■ Auto Refresh (CBR) and Self Refresh
■ All Inputs, Outputs are SSTL-2 Compatible
■ 4096 Refresh Cycles every 64 ms
■ Serial Presence Detect (SPD)
■ DDR SDRAM Performance
Description
The V82658J04S memory module is organized
8,388,608 x 64 bits in a 184 pin memory module.
The 8M x 64 memory module uses 4 Mosel-Vitelic
8M x 16 DDR SDRAM. The x64 modules are ideal
for use in high performance computer systems
where increased memory density and fast access
times are required.
Component Used
-7
-75
-8
Units
tCK
Clock Frequency
(max.)
143
(PC266A)
133
(PC266B)
125
(PC200)
MHz
tAC
Clock Access Time
CAS Latency = 2.5
77.5
8
ns


Similar Part No. - V82658J04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V82658B04S MOSEL-V82658B04S Datasheet
220Kb / 14P
   64 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 8M x 64
More results

Similar Description - V82658J04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V826664K24S MOSEL-V826664K24S Datasheet
243Kb / 14P
   2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
   2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827316K04S MOSEL-V827316K04S Datasheet
271Kb / 13P
   2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com