Electronic Components Datasheet Search |
|
XC2164N51CMF Datasheet(PDF) 8 Page - Torex Semiconductor |
|
XC2164N51CMF Datasheet(HTML) 8 Page - Torex Semiconductor |
8 / 12 page 8/12 XC2164 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CMOS: CL=15pF, 0.1VDD →0.9VDD - 1.5 - ns Output Rise Time (*1) tr TTL: Load=10TTL, 0.4V →2.4V - 1.5 - ns CMOS: CL=15pF, 0.9VDD →0.1VDD - 1.5 - ns Output Fall Time (*1) tf TTL: Load=10TTL, 2.4V →0.4V - 1.5 - ns CMOS: CL=15pF @ 0.5VDD 45 - 55 % Output Duty Cycle DUTY TTL: Load=10TTL @ 1.4V 45 - 55 % Output Disable Delay Time (*1) tplz f0=4MHz, CL=15pF - - 100 ns Output Enable Delay Time (*1) tplz f0=4MHz, CL=15pF - - 6 ms Oscillation Start Time (*1) tosc_on f0=4MHz, CL=15pF - - 6 ms PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CMOS: CL=15pF, 0.1VDD →0.9VDD - 1.5 - ns Output Rise Time (*1) tr TTL: Load=10TTL, 0.4V →2.4V - 1.5 - ns CMOS: CL=15pF, 0.9VDD →0.1VDD - 1.5 - ns Output Fall Time (*1) tf TTL: Load=10TTL, 2.4V →0.4V - 1.5 - ns CMOS: CL=15pF @ 0.5VDD 45 - 55 % Output Duty Cycle DUTY TTL: Load=10TTL @ 1.4V 45 - 55 % Output Disable Delay Time (*1) tplz f0=20MHz, CL=15pF - - 100 ns Output Enable Delay Time (*1) tplz f0=20MHz, CL=15pF - - 6 ms Oscillation Start Time (*1) tosc_on f0=20MHz, CL=15pF - - 6 ms PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CMOS: CL=15pF, 0.1VDD →0.9VDD - 1.5 - ns Output Rise Time (*1) tr TTL: Load=10TTL, 0.4V →2.4V - 1.5 - ns CMOS: CL=15pF, 0.9VDD →0.1VDD - 1.5 - ns Output Fall Time (*1) tf TTL: Load=10TTL, 2.4V →0.4V - 1.5 - ns CMOS: CL=15pF @ 0.5VDD 45 - 55 % Output Duty Cycle DUTY TTL: Load=10TTL @ 1.4V 45 - 55 % Output Disable Delay Time (*1) tplz f0=4MHz, CL=15pF - - 100 ns Output Enable Delay Time (*1) tplz f0=4MHz, CL=15pF - - 10 μs Oscillation Start Time (*1) tosc_on f0=4MHz, CL=15pF - - 6 ms *1: the values are the designed values. XC2164Ax1M, T, V (Fundamental) <Chip Enable> (unless otherwise stated, VDD=3.3V or 5.0V, Ta= -30~+80 ℃) ■SWITCHING CHARACTERISTICS *1: the values are the designed values. XC2164Ax1A to L (3rd Overtone) <Chip Enable> (unless otherwise stated, VDD=3.3V or 5.0V, Ta= -30~+80 ℃) *1: the values are the designed values. XC2164Kx1M, T, V (Fundamental) <Output Enable> (unless otherwise stated, VDD=3.3V or 5.0V, Ta= -30~+80 ℃) * The values shown are preliminary so that the values may be changed without a prior announcement. |
Similar Part No. - XC2164N51CMF |
|
Similar Description - XC2164N51CMF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |