Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5Q484C Datasheet(PDF) 33 Page - Lattice Semiconductor

Part # LC5512MC-5Q484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5Q484C Datasheet(HTML) 33 Page - Lattice Semiconductor

Back Button LC5512MC-5Q484C Datasheet HTML 29Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 30Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 31Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 32Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 33Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 34Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 35Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 36Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 37Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
33
Registered Delays
tS
D-Register Setup
Time, Global Clock
0.28
0.31
0.35
0.55
0.52
ns
tS_PT
D-Register Setup
Time, PT Clock
-0.13
-0.11
-0.10
-0.10
-0.07
ns
tH
D-Register Hold
Time
1.90
2.56
2.50
2.40
4.00
ns
tCOi
Register Clock to
OSA Time
0.72
1.03
0.68
0.93
1.50
ns
tCESi
Clock Enable Setup
Time
1.07
1.20
1.33
1.33
2.00
ns
tCEHi
Clock Enable Hold
Time
0.00
0.00
0.00
0.00
0.00
ns
tSIR
D-Input Register
Setup Time, Global
Clock
0.66
0.20
0.53
0.12
0.08
ns
tSIR_PT
D-Input Register
Setup Time, PT
Clock
0.42
0.37
0.34
0.34
0.22
ns
tHIR
D-Input Register
Hold Time, Global
Clock
0.84
1.31
1.01
1.41
2.91
ns
tHIR_PT
D-Input Register
Hold Time, PT
Clock
0.00
0.00
0.00
0.00
0.00
ns
Latched Delays
tSL
Latch Setup Time,
Global Clock
0.18
0.00
0.00
0.00
0.00
ns
tSL_PT
Latch Setup Time,
PT Clock
0.18
0.00
0.00
0.00
0.34
ns
tHL
Latch Hold Time
-0.06
0.00
0.00
0.00
-0.03
ns
tGOi
Latch Gate to OSA
Time
0.07
0.08
0.08
0.08
0.13
ns
tPDLi
Propagation Delay
through Latch to
OSA Transparent
0.52
0.58
0.65
0.65
0.97
ns
Reset and Set Delays
tSRi
Asynchronous
Reset or Set to OSA
Delay
0.23
0.26
0.29
0.29
0.43
ns
tSRR
Asynchronous
Reset or Set
Recovery
0.42
0.47
0.53
0.55
0.79
ns
eXtended Function Routing Delays
tROUTEMF
Delay through SRP
when Implementing
Memory Functions
2.00
2.25
2.51
2.61
3.76
ns
ispXPLD 5000MX Family Internal Switching Characteristics (Continued)
Over Recommended Operating Conditions
Parameter
Description
Base
Parameter
-4
-45
-5
-52
-75
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - LC5512MC-5Q484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5Q484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com