Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5Q484C Datasheet(PDF) 29 Page - Lattice Semiconductor

Part # LC5512MC-5Q484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5Q484C Datasheet(HTML) 29 Page - Lattice Semiconductor

Back Button LC5512MC-5Q484C Datasheet HTML 25Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 26Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 27Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 28Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 29Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 30Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 31Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 32Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 33Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
29
ispXPLD 5000MX Family External Switching Characteristics
1, 2, 3
Over Recommended Operating Conditions
Parameter
Description
-4
-45
-5
-52
-75
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPD
Data Propagation Delay,
5-PT Bypass
4.0
4.5
5.0
5.2
7.5
ns
tPD_PTSA
Data propagation delay
4.8
5.7
6.0
6.5
9.5
ns
tS
MFB Register Setup Time
Before Clock, 5-PT Bypass
2.2
2.8
2.8
3.0
4.5
ns
tS_PTSA
MFB Register Setup Time
Before Clock
2.5
3.1
3.1
3.6
5.5
ns
tSIR
MFB Register Setup Time
Before Clock, Input Register
Path
1.0
1.0
1.0
0.5
1.7
ns
tH
MFB Register Hold Time
Before Clock, 5-PT Bypass
0.0
0.0
0.0
0.0
0.0
ns
tH_PTSA
MFB Register Hold Time
Before Clock
0.0
0.0
0.0
0.0
0.0
ns
tHIR
MFB Register Hold Time
Before Clock, Input Register
Path
0.5
0.5
0.5
1.0
1.3
ns
tCO
MFB Register Clock-to-Out-
put Delay
2.8
3.0
3.2
3.7
5.0
ns
tR
External Reset Pin to Output
Delay
4.0
4.5
5.0
5.0
7.5
ns
tRW
Reset Pulse Duration
1.8
1.8
1.8
2.0
3.0
ns
tLPTOE/DIS
Input to Output Local Product
Term Output Enable/Disable
6.0
7.0
7.5
8.5
10.5
ns
tSPTOE/DIS
Input to Output Shared
Product Term Output Enable/
Disable
6.0
7.0
7.5
8.5
10.5
ns
tGOE/DIS
Global OE Input to Output
Enable/Disable
4.5
5.5
5.5
6.5
7.5
ns
tCW
Clock Width, High or Low
1.5
1.5
1.5
1.8
2.5
ns
tGW
Gate Width Low (for Low
Transparent) or High (for
High Transparent)
1.5
1.5
1.5
1.8
2.5
ns
tWIR
Input Register Clock Width,
High or Low
1.5
1.5
1.5
1.8
2.5
ns
tSKEW
Clock-to-Out Skew, Block
Level
0.6
0.6
0.6
0.6
1.0
ns
fMAX
4
Clock Frequency with
Internal Feedback
300
275
250
250
150
MHz
fMAX (Ext.)
Clock Frequency with
External Feedback,
1/ (tS + tCO)
200
171
166
149
105
MHz
fMAX (Tog.)
Clock Frequency Max.
Toggle
333
333
333
277
200
MHz
fMAX (CAMC)
5
Clock Frequency to CAM
(Configure Mode)
280
280
230
230
168
MHz
fMAX (CAM)
5
Clock Frequency to CAM
(Compare Mode)
150
150
150
135
90
MHz


Similar Part No. - LC5512MC-5Q484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5Q484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com