Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA1027PT Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMA1027PT
Description  Dual P-Channel PowerTrench짰 MOSFET -20 V, -3 A, 120 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA1027PT Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMA1027PT Datasheet HTML 1Page - Fairchild Semiconductor FDMA1027PT Datasheet HTML 2Page - Fairchild Semiconductor FDMA1027PT Datasheet HTML 3Page - Fairchild Semiconductor FDMA1027PT Datasheet HTML 4Page - Fairchild Semiconductor FDMA1027PT Datasheet HTML 5Page - Fairchild Semiconductor FDMA1027PT Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
©2008 Fairchild Semiconductor Corporation
FDMA1027PT Rev.B1
Rev. I36
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not
intended to be an exhaustive list of all such trademarks.
* EZSWITCH™ and FlashWriter® are trademarks of System General Corporation, used under license by Fairchild Semiconductor.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY
PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY
THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE
EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1.
Life support devices or systems are devices or systems which, (a) are
intended for surgical implant into the body or (b) support or sustain life,
and (c) whose failure to perform when properly used in accordance with
instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury of the user.
2.
A critical component in any component of a life support, device, or
system whose failure to perform can be reasonably expected to cause
the failure of the life support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Build it Now™
CorePLUS™
CorePOWER™
CROSSVOLT™
CTL™
Current Transfer Logic™
EcoSPARK®
EfficentMax™
EZSWITCH™ *
Fairchild®
Fairchild Semiconductor®
FACT Quiet Series™
FACT®
FAST®
FastvCore™
FlashWriter® *
FPS™
F-PFS™
FRFET®
Global Power ResourceSM
Green FPS™
Green FPS™ e-Series™
GTO™
IntelliMAX™
ISOPLANAR™
MegaBuck™
MICROCOUPLER™
MicroFET™
MicroPak™
MillerDrive™
MotionMax™
Motion-SPM™
OPTOLOGIC®
OPTOPLANAR®
®
PDP SPM™
Power-SPM™
PowerTrench®
Programmable Active Droop™
QFET®
QS™
Quiet Series™
RapidConfigure™
Saving our world, 1mW /W /kW at a time™
SmartMax™
SMART START™
SPM®
STEALTH™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SupreMOS™
SyncFET™
®
The Power Franchise®
TinyBoost™
TinyBuck™
TinyLogic®
TINYOPTO™
TinyPower™
TinyPWM™
TinyWire™
µSerDes™
UHC®
Ultra FRFET™
UniFET™
VCX™
VisualMax™
®
tm
tm
Datasheet Identification
Product Status
Definition
Advance Information
Formative / In Design
Datasheet contains the design specifications for product development. Specifications may
change in any manner without notice.
Preliminary
First Production
Datasheet contains preliminary data; supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make changes at any time without notice to
improve design.
No Identification Needed
Full Production
Datasheet contains final specifications. Fairchild Semiconductor reserves the right to
make changes at any time without notice to improve the design.
Obsolete
Not In Production
Datasheet contains specifications on a product that is discontinued by Fairchild
Semiconductor. The datasheet is for reference information only.
ANTI-COUNTERFEITING POLICY
Fairchild Semiconductor Corporation’s Anti-Counterfeiting Policy. Farichild’s Anti-Counterfeiting Policy is also stated on our external website,
www.fairchildsemi.com, under Sales Support.
Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their
parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed
application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the
proliferation of counterfeit parts. Farichild strongly encourages customers to purchase Farichild parts either directly from Fairchild or from Authorized Fairchild
Distributors who are listed by country on our web page cited above. Products customers buy either from fairchild directly or from Authorized Fairchild
Distributors are genuine parts, have full traceability, meet Fairchild’s quality standards for handing and storage and provide access to Farichild’s full range of
up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and
warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Farichild is
committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.


Similar Part No. - FDMA1027PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1027P FAIRCHILD-FDMA1027P Datasheet
108Kb / 6P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P Datasheet
845Kb / 7P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P Datasheet
863Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_06 Datasheet
845Kb / 7P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_08 Datasheet
863Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDMA1027PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA6023PZT FAIRCHILD-FDMA6023PZT Datasheet
366Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3.6 A, 60 m廓
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
FDME510PZT FAIRCHILD-FDME510PZT Datasheet
254Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20 V, -6 A, 37 m廓
FDMS4435BZ FAIRCHILD-FDMS4435BZ Datasheet
266Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -18 A, 20 m廓
FDME1034CZT FAIRCHILD-FDME1034CZT Datasheet
276Kb / 11P
   Complementary PowerTrench짰 MOSFET N-channel: 20 V, 3.8 A, 66 m廓 P-channel: -20 V, -2.6 A, 142 m廓
FDMA3023PZ FAIRCHILD-FDMA3023PZ Datasheet
330Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -2.9 A, 90 m廓
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
FDS8935 FAIRCHILD-FDS8935 Datasheet
225Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -80 V, -2.1 A, 183 m廓
FDMA3027PZ FAIRCHILD-FDMA3027PZ Datasheet
302Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -3.3 A, 87 m廓
FDMA1024NZ FAIRCHILD-FDMA1024NZ Datasheet
315Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 5.0 A, 54 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com