Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8880 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMS8880
Description  N-Channel PowerTrench짰 MOSFET 30 V, 21 A, 8.5 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS8880 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMS8880 Datasheet HTML 1Page - Fairchild Semiconductor FDMS8880 Datasheet HTML 2Page - Fairchild Semiconductor FDMS8880 Datasheet HTML 3Page - Fairchild Semiconductor FDMS8880 Datasheet HTML 4Page - Fairchild Semiconductor FDMS8880 Datasheet HTML 5Page - Fairchild Semiconductor FDMS8880 Datasheet HTML 6Page - Fairchild Semiconductor FDMS8880 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
©2008 Fairchild Semiconductor Corporation
FDMS8880 Rev.C
Dimensional Outline and Pad Layout


Similar Part No. - FDMS8880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8888 FAIRCHILD-FDMS8888 Datasheet
314Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDMS8880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA7672 FAIRCHILD-FDMA7672 Datasheet
224Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 21 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDP085N10A-F102 FAIRCHILD-FDP085N10A-F102 Datasheet
298Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
logo
ON Semiconductor
FDMC0310AS ONSEMI-FDMC0310AS Datasheet
673Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM30 V, 21 A, 4.4 m廓
August-2017, Rev.3
FDP8D5N10C ONSEMI-FDP8D5N10C Datasheet
1,022Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 76 A, 8.5 m廓
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com