Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5F672C Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # LC5512MC-5F672C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5F672C Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button LC5512MC-5F672C Datasheet HTML 35Page - Lattice Semiconductor LC5512MC-5F672C Datasheet HTML 36Page - Lattice Semiconductor LC5512MC-5F672C Datasheet HTML 37Page - Lattice Semiconductor LC5512MC-5F672C Datasheet HTML 38Page - Lattice Semiconductor LC5512MC-5F672C Datasheet HTML 39Page - Lattice Semiconductor LC5512MC-5F672C Datasheet HTML 40Page - Lattice Semiconductor LC5512MC-5F672C Datasheet HTML 41Page - Lattice Semiconductor LC5512MC-5F672C Datasheet HTML 42Page - Lattice Semiconductor LC5512MC-5F672C Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
39
tDPCEBS
Clock Enable B
Setup before Clock
B Time
2.33
2.33
2.33
2.33
3.03
ns
tDPCEBH
Clock Enable Hold
B after Clock B
Time
-2.95
-2.95
-2.95
-2.95
-2.27
ns
tDPADDBS
Address B Setup
before Clock B Time
-0.27
-0.27
-0.27
-0.27
-0.21
ns
tDPADDBH
Address B Hold
time after Clock B
Time
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tDPRWBS
R/W B Setup before
Clock B Time
-0.27
-0.27
-0.27
-0.27
-0.21
ns
tDPRWBH
R/W B Hold time
after Clock B Time
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tDPDATABS
Write Data B Setup
before Clock B Time
-0.27
-0.27
-0.27
-0.27
-0.21
ns
tDPDATABH
Write Data B Hold
after Clock B Time
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tDPRCLKAO
Read Clock A to
Output Delay
5.97
5.92
5.86
5.65
9.86
ns
tDPRCLKBO
Read Clock B to
Output Delay
5.16
5.16
5.16
5.16
6.71
ns
tDPCLKSKEW
Opposite Clock
Cycle Delay
1.40
1.40
1.40
1.40
1.83
ns
tDPRSTO
Reset to RAM
Output Delay
3.30
3.30
3.30
3.30
4.29
ns
tDPRSTR
Reset Recovery
Time
1.20
1.20
1.20
1.20
1.56
ns
tDPRSTPW
Reset Pulse Width
0.14
0.14
0.14
0.14
0.19
ns
Timing v.1.8
1. The PT-delay to clock of RAM/FIFO/CAM should be tBCLK instead of tPTCLK.
2. The PT-delay to set/reset of RAM/FIFO/CAM should be tBSR instead of tPTSR.
ispXPLD 5000MX Family Internal Switching Characteristics (Continued)
Over Recommended Operating Conditions
Parameter
Description
Base
Parameter
-4
-45
-5
-52
-75
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - LC5512MC-5F672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5F672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com