Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD5NM60-1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD5NM60-1
Description  N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5NM60-1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD5NM60-1 Datasheet HTML 5Page - STMicroelectronics STD5NM60-1 Datasheet HTML 6Page - STMicroelectronics STD5NM60-1 Datasheet HTML 7Page - STMicroelectronics STD5NM60-1 Datasheet HTML 8Page - STMicroelectronics STD5NM60-1 Datasheet HTML 9Page - STMicroelectronics STD5NM60-1 Datasheet HTML 10Page - STMicroelectronics STD5NM60-1 Datasheet HTML 11Page - STMicroelectronics STD5NM60-1 Datasheet HTML 12Page - STMicroelectronics STD5NM60-1 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
STP8NM60, STP8NM60FP, STD5NM60, STD5NM60-1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E


Similar Part No. - STD5NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NM60-1 STMICROELECTRONICS-STD5NM60-1 Datasheet
489Kb / 16P
   N-CHANNEL 650V Tjmax-0.9ohm-8A TO-220/FP/D/IPAK/D2PAK STripFET II MOSFET
STD5NM60-1 STMICROELECTRONICS-STD5NM60-1 Datasheet
561Kb / 18P
   N-channel 650 V@Tjmax, 0.9 廓, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
logo
Inchange Semiconductor ...
STD5NM60-1 ISC-STD5NM60-1 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD5NM60-1 STMICROELECTRONICS-STD5NM60-1 Datasheet
558Kb / 18P
   N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
Rev 17 October 2008
More results

Similar Description - STD5NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
470Kb / 17P
   N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
   N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STP9NM60 STMICROELECTRONICS-STP9NM60 Datasheet
181Kb / 9P
   N-CHANNEL 600V - 0.55Ω - 8.3A TO-220/DPAK/IPAK MDmesh™Power MOSFET
January 2004
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
   N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
   N-channel 600 V, 0.85 ?? 4.6 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
January 2009 Rev 3
STD10NM65N STMICROELECTRONICS-STD10NM65N_08 Datasheet
527Kb / 17P
   N-channel 650 V, 0.43 廓, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
STP8NM50 STMICROELECTRONICS-STP8NM50 Datasheet
329Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com