Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM3083 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FODM3083
Description  4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3083 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FODM3083 Datasheet HTML 2Page - Fairchild Semiconductor FODM3083 Datasheet HTML 3Page - Fairchild Semiconductor FODM3083 Datasheet HTML 4Page - Fairchild Semiconductor FODM3083 Datasheet HTML 5Page - Fairchild Semiconductor FODM3083 Datasheet HTML 6Page - Fairchild Semiconductor FODM3083 Datasheet HTML 7Page - Fairchild Semiconductor FODM3083 Datasheet HTML 8Page - Fairchild Semiconductor FODM3083 Datasheet HTML 9Page - Fairchild Semiconductor FODM3083 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
FODM306X/FODM308X Rev. 1.0.4
Footprint Drawing for PCB Layout
Recommended Infrared Relow Soldering Profile
Note:
All dimensions are in mm.
0.80
6.50
2.54
1.00
• Peak reflow temperature: 260
°C (package surface temperature)
• Time of temperature higher than 245
°C: 40 seconds or less
• Number of reflows: 3
300
250
200
150
100
50
0
50
0
100
150
200
250
300
Time (s)
10s
260
°C
245
°C
40s


Similar Part No. - FODM3083

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3083 FAIRCHILD-FODM3083 Datasheet
273Kb / 13P
   4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
More results

Similar Description - FODM3083

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3063R2 FAIRCHILD-FODM3063R2 Datasheet
273Kb / 13P
   4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023R2 FAIRCHILD-FODM3023R2 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com