Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB-333RTSC Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-333RTSC
Description  Mega Bright, Round Type LED Lamps (5mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-333RTSC Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-333RTSC Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION:
The 333 Mega Bright series is conventional LED Lamps utilizing higher intensity
material to achieve the brightest performance.
The semi-conductor materials used are:
AlGalnP for (333RTSC, 333YTSC)
InGaN for (333B472C, 333BG2C, 333PG2C, 333W2C)
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-333RTSC
GB-333YTSC
GB-333B472C
GB-333BG2C
GB-333PG2C
GB-333W2C
GB-333W3C
GB-333L2C
Part No.
Ultra Red
Ultra Yellow
Blue
Bluish Green
Pure Green
White
White
Warm White
Emitted
Color
Water Clear
Water Clear
Water Clear
Water Clear
Water Clear
Water Clear
Water Clear
Water Clear
Lens
Color
635
590
470
505
525
TYPICAL
CHROMATICITY
COORDINATES
X
0.31
Y
0.32
TYPICAL
CHROMATICITY
COORDINATES
X
0.31
Y
0.32
TYPICAL
CHROMATICITY
COORDINATES
X
0.42
Y
0.39
2.8
2.8
4.5
4.5
4.5
4.5
4.5
4.5
2.0
2.0
2.8
2.8
2.8
3.0
3.0
3.0
20
20
20
20
20
20
20
20
4200.0
4800.0
4900.0
7000.0
7000.0
16500.0
25000.0
12000.0
3800.0
3600.0
2200.0
4000.0
4000.0
10000.0
20000.0
8000.0
Iv (mcd)
Min
Typ.
16
16
16
16
16
16
16
16
View
Angle
2
θ1/2(Deg)
GB-333 SERIES
Mega Bright, Round Type
LED Lamps (5mm)
25.4 Min.
8.6
1.0
5.9
1.0 Max.
1.0
2.54
NOTE : The typical emission color (White) is described by the chromaticity coordinates X=0.31, Y=0.32 using the
C I E Chromaticity Diagram.
PACKAGE DIMENSIONS
Rec.
If (mA).
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
FORWARD VOLTAGE
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Vf
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
VOLT
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
Peak
Wavelength
λp (nm)
Vf (v)
Min Max
C
SPATIAL DISTRIBUTION
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
φ5.0
0.5
CAUTION: Handing with care against static electricity


Similar Part No. - GB-333RTSC

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-333RHC LUCKY-LIGHT-GB-333RHC Datasheet
42Kb / 1P
   Round Type LED Lamps (5mm)
GB-333RHCF LUCKY-LIGHT-GB-333RHCF Datasheet
42Kb / 1P
   Round Type With Stand-offs LED Lamps (5mm)
GB-333RHD LUCKY-LIGHT-GB-333RHD Datasheet
42Kb / 1P
   Round Type LED Lamps (5mm)
GB-333RHDF LUCKY-LIGHT-GB-333RHDF Datasheet
42Kb / 1P
   Round Type With Stand-offs LED Lamps (5mm)
GB-333RHT LUCKY-LIGHT-GB-333RHT Datasheet
42Kb / 1P
   Round Type LED Lamps (5mm)
More results

Similar Description - GB-333RTSC

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-224 LUCKY-LIGHT-GB-224 Datasheet
40Kb / 1P
   Mega Bright, Round Type LED Lamps (3mm)
GB-333HD LUCKY-LIGHT-GB-333HD Datasheet
42Kb / 1P
   Round Type LED Lamps (5mm)
logo
A-BRIGHT Inc
AL-513UY5C A-BRIGHT-AL-513UY5C_09 Datasheet
238Kb / 5P
   5mm Round Type : LED Lamps
2009/2/25
logo
Everlight Electronics C...
EL333RD EVERLIGHT-EL333RD Datasheet
167Kb / 1P
   ROUND TYPE LED LAMPS(5MM)
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com