Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 6N137
Description  High Speed 10MBit/s Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N137 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 6N137_08 Datasheet HTML 4Page - Fairchild Semiconductor 6N137_08 Datasheet HTML 5Page - Fairchild Semiconductor 6N137_08 Datasheet HTML 6Page - Fairchild Semiconductor 6N137_08 Datasheet HTML 7Page - Fairchild Semiconductor 6N137_08 Datasheet HTML 8Page - Fairchild Semiconductor 6N137_08 Datasheet HTML 9Page - Fairchild Semiconductor 6N137_08 Datasheet HTML 10Page - Fairchild Semiconductor 6N137_08 Datasheet HTML 11Page - Fairchild Semiconductor 6N137_08 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137, HCPL2601, HCPL2611, HCPL2630, HCPL2631 Rev. 1.0.7
8
Test Circuits (Continued)
+5V
Peak
3
2
1
4
8
7
6
5
GND
V
CC
O
(V )
Output
350
V
CM
FF
V
A
B
Pulse Gen
I
F
CM
V
0V
O
V
5V
Switching Pos. (A), I = 0
F
O
V (Max)
CM
0.5 V
O
V
Switching Pos. (B), I = 7.5 mA
F
H
CM L
V (Min)
O
bypass
.1
µf
Fig. 14 Test Circuit Common Mode Transient Immunity


Similar Part No. - 6N137_08

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N137-000E AVAGO-6N137-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137-020E AVAGO-6N137-020E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137-060E AVAGO-6N137-060E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
More results

Similar Description - 6N137_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com