Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB-333RHC Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-333RHC
Description  Round Type LED Lamps (5mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-333RHC Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-333RHC Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GB-333 SERIES
Round Type
LED Lamps (5mm)
DESCRIPTION:
The 333 series is widely used in general purpose indicator applications.
It is in popular 5mm diameter package.
The semi-conductor materials used are:
GaP for (333HD/HT, 333GC/GD/GT)
GaAsP/GaP for (333RHC/RHD/RHT, 333YC/YD/YT and 333SD)
D
SPATIAL DISTRIBUTION
5.9
1.0 Max.
1.0
2.54
25.4 Min.
8.6
1.0
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-333HD
GB-333RHD
GB-333GD
GB-333YD
GB-333SD
GB-333HT
GB-333RHT
GB-333GT
GB-333YT
GB-333RHC
GB-333GC
GB-333YC
Part No.
Red
Bright Red
Green
Yellow
Orange
Red
Bright Red
Green
Yellow
Bright Red
Green
Yellow
Emitted
Color
Red Diffused
Red Diffused
Green Diffused
Yellow Diffused
Orange Diffused
Red Trans.
Red Trans.
Green Trans.
Yellow Trans.
Water Clear
Water Clear
Water Clear
Lens
Color
697
660
565
585
610
697
660
565
585
660
565
585
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
5-10
10-20
10-20
10-20
10-20
5-10
10-20
10-20
10-20
10-20
10-20
10-20
3.7
19.0
19.0
19.0
29.0
19.0
90.0
60.0
90.0
90.0
60.0
90.0
1.1
5.6
5.6
5.6
8.7
5.6
29.0
19.0
29.0
29.0
19.0
29.0
Iv (mcd)
Min Typ.
36
36
36
36
36
16
16
16
16
16
16
16
View
Angle
2
θ1/2(Deg)
PACKAGE DIMENSIONS
Peak
Wavelength
λp (nm)
Vf (v)
Min Max
Rec.
If (mA).
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
FORWARD VOLTAGE
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Vf
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
VOLT
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
φ5.0
0.5
C,T


Similar Part No. - GB-333RHC

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-333RHCF LUCKY-LIGHT-GB-333RHCF Datasheet
42Kb / 1P
   Round Type With Stand-offs LED Lamps (5mm)
More results

Similar Description - GB-333RHC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513UY5C A-BRIGHT-AL-513UY5C_09 Datasheet
238Kb / 5P
   5mm Round Type : LED Lamps
2009/2/25
logo
Everlight Electronics C...
EL333RD EVERLIGHT-EL333RD Datasheet
167Kb / 1P
   ROUND TYPE LED LAMPS(5MM)
logo
Lucky Light Electronic
GB-343 LUCKY-LIGHT-GB-343 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
GB-B336 LUCKY-LIGHT-GB-B336 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (5mm)
GB-353 LUCKY-LIGHT-GB-353 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
logo
A-BRIGHT Inc
AL-513SGC-A A-BRIGHT-AL-513SGC-A_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
AL-513TRC A-BRIGHT-AL-513TRC_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
AL-513OR6C-A A-BRIGHT-AL-513OR6C-A_08 Datasheet
311Kb / 5P
   5mm Round LED Lamps
2008/3/19
AL-513UO5C-A A-BRIGHT-AL-513UO5C-A_08 Datasheet
311Kb / 5P
   5mm Round LED Lamps
2008/3/19
AL-513BG1C A-BRIGHT-AL-513BG1C Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com