Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB-413YD Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-413YD
Description  Cylindrical Type LED Lamps (3mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-413YD Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-413YD Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPATIAL DISTRIBUTION
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
GB-413 SERIES
Cylindrical Type
LED Lamps (3mm)
D
T
DESCRIPTION:
The 413 series is cylindrical type in 3mm diameter package.
The semi-conductor materials used are:
GaP for (413HD, 413GD/GT )
GaAsP/GaP for (413RHD/RHT, 413YD/YT and 413SD/ST)
3.8
φ2.95
25.4 Min.
6.12
1.0
2.54
1.0 Max.
0.92
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-413HD
GB-413RHD
GB-413GD
GB-413YD
GB-413SD
GB-413RHT
GB-413GT
GB-413YT
GB-413ST
Part No.
Red
Bright Red
Green
Yellow
Orange
Bright Red
Green
Yellow
Orange
Emitted
Color
Red Diffused
Red Diffused
Green Diffused
Yellow Diffused
Orange Diffused
Red Trans.
Green Trans.
Yellow Trans.
Orange Trans.
Lens
Color
697
660
565
585
610
660
565
585
610
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
5-10
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
0.5
1.2
1.2
1.2
1.2
2.0
2.0
2.0
2.0
0.3
0.4
0.4
0.4
0.4
0.6
0.6
0.6
0.6
Iv (mcd)
Min Typ.
120
120
120
120
120
100
100
100
100
View
Angle
2
θ1/2(Deg)
PACKAGE DIMENSIONS
Peak
Wavelength
λp (nm)
Vf (v)
Min Max
Rec.
If (mA).
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
FORWARD VOLTAGE
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Vf
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
VOLT
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
0.5


Similar Part No. - GB-413YD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-419 LUCKY-LIGHT-GB-419 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3mm Cylindrical Type
GB-419EGW LUCKY-LIGHT-GB-419EGW Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3mm Cylindrical Type
GB-419HGW LUCKY-LIGHT-GB-419HGW Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3mm Cylindrical Type
GB-419YGW LUCKY-LIGHT-GB-419YGW Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3mm Cylindrical Type
More results

Similar Description - GB-413YD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-403 LUCKY-LIGHT-GB-403 Datasheet
41Kb / 1P
   Cylindrical Type Flangeless LED Lamps (3mm)
GB-483 LUCKY-LIGHT-GB-483 Datasheet
42Kb / 1P
   Cylindrical Type Inverted Cone LED Lamps (3mm)
logo
Kingbright Corporation
L-424 KINGBRIGHT-L-424 Datasheet
186Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMPS
L-483 KINGBRIGHT-L-483 Datasheet
793Kb / 5P
   T-1 (3mm) CYLINDRICAL LED LAMPS
L-1334 KINGBRIGHT-L-1334 Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
logo
LIGITEK electronics co....
LWK4843Z-AOP-C01 LIGITEK-LWK4843Z-AOP-C01 Datasheet
206Kb / 8P
   CYLINDRICAL TYPE LED LAMPS
L8UG4043-PF LIGITEK-L8UG4043-PF Datasheet
222Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4843Z LIGITEK-LDBK4843Z Datasheet
136Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LSEFDGM24543-S195 LIGITEK-LSEFDGM24543-S195 Datasheet
118Kb / 7P
   CYLINDRICAL TYPE LED LAMPS
LDBK4741 LIGITEK-LDBK4741 Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com