Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB-809 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-809
Description  Multi-Color, Common Cathode 8mm Round Type LED Lamps (3 Pins)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-809 Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-809 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GB-809 SERIES
Multi-Color, Common Cathode
8mm Round Type
LED Lamps (3 Pins)
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-809HGW
GB-809EGW
GB-809YGW
Part No.
Red
Green
Hi-Eff Red
Green
Yellow
Green
Emitted
Color
White Diffused
White Diffused
White Diffused
White Diffused
White Diffused
White Diffused
Lens
Color
697
565
635
565
585
565
2.6
2.6
2.6
2.6
2.6
2.6
1.7
1.7
1.7
1.7
1.7
1.7
10-20
10-20
10-20
10-20
10-20
10-20
1.80
30.0
30.0
30.0
30.0
60.0
4.50
20.0
20.0
20.0
20.0
40.0
Iv (mcd)
Min Typ.
54
54
54
54
54
54
View
Angle
2
θ1/2(Deg)
9.2
9.0
23.0 Min.
4.0
2.0
1.0 Max.
2.0
D
SPATIAL DISTRIBUTION
DESCRIPTION:
The 809 series is three leaded bicolor light sources designed and white diffused
for a variety of applications where dual state illumination is required in the same
package.
There are two different chips mounted on a central common cathode lead.
Colors can be generated by independently pulse width modulating the chips.
The semi-conductor materials used are:
GaP for (H, G)
GaAsP/GaP for (E, Y)
PACKAGE DIMENSIONS
Peak
Wavelength
λp (nm)
Vf (v)
Min Max
Rec.
If (mA).
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
FORWARD VOLTAGE
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Vf
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
VOLT
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
Red
Hi-Eff Red
Yellow
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
φ8.0
0.5
2.54
2.54
Green
1
1
2
2
3
3


Similar Part No. - GB-809

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-1009 LUCKY-LIGHT-GB-1009 Datasheet
42Kb / 1P
   Multi-Color, Common Cathode 10mm Round Type LED Lamps (3 Pins)
GB-1009EGW LUCKY-LIGHT-GB-1009EGW Datasheet
42Kb / 1P
   Multi-Color, Common Cathode 10mm Round Type LED Lamps (3 Pins)
GB-1009HGW LUCKY-LIGHT-GB-1009HGW Datasheet
42Kb / 1P
   Multi-Color, Common Cathode 10mm Round Type LED Lamps (3 Pins)
GB-1009YGW LUCKY-LIGHT-GB-1009YGW Datasheet
42Kb / 1P
   Multi-Color, Common Cathode 10mm Round Type LED Lamps (3 Pins)
GB-169 LUCKY-LIGHT-GB-169 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 2mm Round Tower Type LED Lamps (3 Pins)
More results

Similar Description - GB-809

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-229 LUCKY-LIGHT-GB-229 Datasheet
42Kb / 1P
   Multi-Color, Common Cathode 3mm Round Type LED Lamps (3 Pins)
GB-339 LUCKY-LIGHT-GB-339 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 5mm Round Type LED Lamps (3 Pins)
GB-1009 LUCKY-LIGHT-GB-1009 Datasheet
42Kb / 1P
   Multi-Color, Common Cathode 10mm Round Type LED Lamps (3 Pins)
GB-169 LUCKY-LIGHT-GB-169 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 2mm Round Tower Type LED Lamps (3 Pins)
GB-529 LUCKY-LIGHT-GB-529 Datasheet
42Kb / 1P
   Multi-Color, Common Cathode 2x5mm Rectangular Type, Flangeless LED Lamps (3 Pins)
GB-269 LUCKY-LIGHT-GB-269 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3.2mm Round Type, Small Flange, Low Profile LED Lamps (3 Pins)
logo
Everlight Electronics C...
204SDRSYGW-S530-A3 EVERLIGHT-204SDRSYGW-S530-A3 Datasheet
132Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW-S530-A3 EVERLIGHT-1259-7SDRSYGW-S530-A3 Datasheet
142Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
339-1SURSYGW EVERLIGHT-339-1SURSYGW Datasheet
146Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
209SURSYGW-S530-A3 EVERLIGHT-209SURSYGW-S530-A3 Datasheet
133Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com