Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4274 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN4274
Description  Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4274 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN4274 Datasheet HTML 1Page - Fairchild Semiconductor FAN4274 Datasheet HTML 2Page - Fairchild Semiconductor FAN4274 Datasheet HTML 3Page - Fairchild Semiconductor FAN4274 Datasheet HTML 4Page - Fairchild Semiconductor FAN4274 Datasheet HTML 5Page - Fairchild Semiconductor FAN4274 Datasheet HTML 6Page - Fairchild Semiconductor FAN4274 Datasheet HTML 7Page - Fairchild Semiconductor FAN4274 Datasheet HTML 8Page - Fairchild Semiconductor FAN4274 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4174/FAN4274 • Rev. 1.0.4
5
Electrical Specifications at +2.7V
VS=+2.7V, G=2, RL=10kΩ to VS/2, RF=5kΩ; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Frequency Domain Response
UGBW
G=+1
4
MHz
BWSS
-3dB Bandwidth
2.5
MHz
GBWP
Gain Bandwidth Product
4
MHz
Time Domain Response
tR, fF
Rise and Fall Time
VO=1.0V Step
300
ns
OS
Overshoot
VO=1.0V Step
5
%
SR
Slew Rate
VO=3V Step, G=-1
3
V/µs
Distortion and Noise Response
HD2
2nd Harmonic Distortion
VO=1VPP, 10kHz
-66
dBc
HD3
3rd Harmonic Distortion
VO=1VPP, 10kHz
-67
dBc
THD
Total Harmonic Distortion
VO=1VPP, 10kHz
0.1
%
en
Input Voltage Noise
26
nV/
√Hz
XTALK
Crosstalk (FAN4274)
100kHZ
-100
dB
DC Performance
VIO
Input Offset Voltage
(2)
-6
0
+6
mV
dVIO
Average Drift
2.1
µV/°C
Ibn
Input Bias Current
5
pA
PSRR
Power Supply Rejection Ratio
(2)
DC
50
73
dB
AOL
Open-loop Gain
DC
98
dB
IS
Supply Current per Amplifier
(2)
200
300
µA
Input Characteristics
RIN
Input Resistance
10
G
Ω
CIN
Input Capacitance
1.4
pF
FAN4174 (Typical)
-0.3 to
2.6
CMIR
Input Common Mode Voltage
Range
FAN4274 (Typical)
-0.3 to
3.0
V
FAN4174
DC, VCM=OV to 2.2V
50
65
CMRR
Common Mode
Rejection Ratio
(2)
FAN4274
DC, VCM=OV to 2.2V
50
65
dB
Output Characteristics
RL=10kΩ to VS/2
0.03
0.01 to
2.69
2.65
VO
Output Voltage Swing
(2)
RL=1kΩ to VS/2
0.05 to
2.55
V
ISC
Short Circuit Output Current
+34/-12
mA
VS
Power Supply Operating Range
2.5 to
5.5
V
Note:
2.
100% tested at 25°C.


Similar Part No. - FAN4274

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4274 FAIRCHILD-FAN4274 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4274IMU8X ONSEMI-FAN4274IMU8X Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results

Similar Description - FAN4274

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com