Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB-663B472C Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-663B472C
Description  Side Backlight Type Single Chip (2.2 x 5.5mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-663B472C Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-663B472C Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.6
GB-663 SERIES
Side Backlight Type
Single Chip (2.2 x 5.5mm)
DESCRIPTION:
The 663 series is side looking LED Lamps and is most suitably used for LCD
back light with excellent uniformity of light emitted.
The semi-conductor materials used are:
GaP for (663UGC)
AlGalnP for (663RS2C, 663UY2C, 663UO2C)
InGaN/Sic for (663B472C, 663PG2C, 663W2C)
PACKAGE DIMENSIONS
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
FORWARD VOLTAGE
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Vf
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
VOLT
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
SPATIAL DISTRIBUTION
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
1.0 Max.
1.0
2.54
5.50
25.4
2.2
2.2
R37.86
0.36
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-663RS2C
GB-663UGC
GB-663UY2C
GB-663UO2C
GB-663B472C
GB-663PG2C
GB-663W2C
Part No.
Ultra Red
Ultra Green
Ultra Yellow
Amber
Blue
Pure Green
White
Emitted
Color
Water Clear
Water Clear
Water Clear
Water Clear
Water Clear
Water Clear
Water Clear
Lens
Color
635
570
590
610
470
525
TYPICAL
CHROMATICITY
COORDINATES
2.6
2.6
2.6
2.6
4.5
4.5
4.5
1.7
1.7
1.7
1.7
2.8
2.8
2.8
20
20
20
20
20
20
20
180.0
59.0
250.0
110.0
260.0
450.0
450.0
70.0
23.0
96.0
42.0
100.0
180.0
180.0
Iv (mcd)
Min
Typ.
106
106
106
106
106
106
106
View
Angle
2
θ1/2(Deg)
CAUTION: Handle with care against static electricity
Rec.
If (mA).
Peak
Wavelength
λp (nm)
Vf (v)
Min Max
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
0.5
X
0.3
Y
0.3


Similar Part No. - GB-663B472C

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-603 LUCKY-LIGHT-GB-603 Datasheet
42Kb / 1P
   Oval Type Wide Angle LED Lamps (3.1 x 3.9mm)
GB-603GC LUCKY-LIGHT-GB-603GC Datasheet
42Kb / 1P
   Oval Type Wide Angle LED Lamps (3.1 x 3.9mm)
GB-603GD LUCKY-LIGHT-GB-603GD Datasheet
42Kb / 1P
   Oval Type Wide Angle LED Lamps (3.1 x 3.9mm)
GB-603GT LUCKY-LIGHT-GB-603GT Datasheet
42Kb / 1P
   Oval Type Wide Angle LED Lamps (3.1 x 3.9mm)
GB-603HD LUCKY-LIGHT-GB-603HD Datasheet
42Kb / 1P
   Oval Type Wide Angle LED Lamps (3.1 x 3.9mm)
More results

Similar Description - GB-663B472C

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
92SMX EUROQUARTZ-92SMX Datasheet
211Kb / 1P
   11.9 x 5.5mm SMD
logo
TAI-SAW TECHNOLOGY CO.,...
TV0136A TAI-SAW-TV0136A Datasheet
336Kb / 5P
   VCO, SMD, 5.5mm x 4.8mm
REV. NO.:3.0
logo
Transko Electronics, In...
TSD TRANSKO-TSD Datasheet
286Kb / 1P
   HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.1: 08-28-2020
logo
TAI-SAW TECHNOLOGY CO.,...
TV0138A TAI-SAW-TV0138A Datasheet
322Kb / 5P
   VCO, SMD, 5.5mm x 4.8mm
REV. NO.:1.0
logo
Transko Electronics, In...
TCFL1206CF TRANSKO-TCFL1206CF Datasheet
336Kb / 3P
   Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
logo
LUMEX INC.
SSL-LX2583GD LUMEX-SSL-LX2583GD Datasheet
52Kb / 1P
   2mm X 5.5mm RECTANGULAR, 565mm GREEN LED
logo
Dialight Corporation
515-1001 DIALIGHT-515-1001 Datasheet
406Kb / 1P
   3 x 5.5mm Rectangular Optical Light Pipe
logo
LUMEX INC.
SSL-LX2583HD LUMEX-SSL-LX2583HD Datasheet
51Kb / 1P
   2mm X 5.5mm RECTANGULAR 700mm RED LED
logo
Kingbright Corporation
AA1114-2EC-CC KINGBRIGHT-AA1114-2EC-CC Datasheet
71Kb / 3P
   11mm x 1.4mm BACKLIGHT
AA1114-2SGC-CC KINGBRIGHT-AA1114-2SGC-CC Datasheet
73Kb / 3P
   11mm x 1.4mm BACKLIGHT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com