Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4274IMU8X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN4274IMU8X
Description  Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4274IMU8X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4274IMU8X Datasheet HTML 1Page - Fairchild Semiconductor FAN4274IMU8X Datasheet HTML 2Page - Fairchild Semiconductor FAN4274IMU8X Datasheet HTML 3Page - Fairchild Semiconductor FAN4274IMU8X Datasheet HTML 4Page - Fairchild Semiconductor FAN4274IMU8X Datasheet HTML 5Page - Fairchild Semiconductor FAN4274IMU8X Datasheet HTML 6Page - Fairchild Semiconductor FAN4274IMU8X Datasheet HTML 7Page - Fairchild Semiconductor FAN4274IMU8X Datasheet HTML 8Page - Fairchild Semiconductor FAN4274IMU8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2008
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4174/FAN4274 • Rev. 1.0.4
FAN4174 / FAN4274
Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O,
CMOS Amplifier
Features
200µA Supply Current per Amplifier
3.7MHz Bandwidth
Output Swing to Within 10mV of Either Rail
Input Voltage Range Exceeds the Rails
3V/µs Slew Rate
25nV/
√Hz Input Voltage Noise
Replaces KM4170 and KM4270
FAN4174 Competes with OPA340 and TLV2461;
Available in SC70-5 and SOT23-5 Packages
FAN4274 Competes with OPA2340 and TLV2462;
Available in MSOP-8 Package
Fully Specified at +2.7V and +5V Supplies
Applications
Portable / Battery-powered Applications
PCMCIA, USB
Mobile Communications, Cellular Phones, Pagers
Notebooks and PDAs
Sensor Interface
A/D Buffer
Active Filters
Signal Conditioning
Portable Test Instruments
Description
The FAN4174 (single) and FAN4274 (dual) are ultra-low
cost voltage feedback amplifiers with CMOS inputs that
consume only 200µA of supply current per amplifier,
while providing ±33mA of output short-circuit current.
These amplifiers are designed to operate from 2.5V to
5V supplies. The common mode voltage range extends
beyond the negative and positive rails.
The FAN4174 and FAN4274 are designed on a CMOS
process and provide 3.7MHz of bandwidth and 3V/μs of
slew rate at a supply voltage of 5V. The combination of
low
power,
rail-to-rail
performance,
low-voltage
operation, and tiny package options make this amplifier
family well suited for use in many general-purpose and
battery-powered applications.
Figure 1. Frequency vs. Gain
Ordering Information
Part Number
Operating
Temperature Range
Package
Eco Status
Packing
Method
FAN4174IP5X
-40 to +85°C
5-Lead SC70 Package
RoHS
Tape and Reel
(3000)
FAN4174IS5X
-40 to +85°C
5-Lead SOT23 Package
RoHS
Tape and Reel
(3000)
FAN4274IMU8X
-40 to +85°C
8-Lead Molded Small Outline Package
RoHS
Tape and Reel
(3000)
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - FAN4274IMU8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4274IMU8X ONSEMI-FAN4274IMU8X Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results

Similar Description - FAN4274IMU8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com