Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD2711AS Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FOD2711AS
Description  Optically Isolated Error Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2711AS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD2711AS Datasheet HTML 1Page - Fairchild Semiconductor FOD2711AS Datasheet HTML 2Page - Fairchild Semiconductor FOD2711AS Datasheet HTML 3Page - Fairchild Semiconductor FOD2711AS Datasheet HTML 4Page - Fairchild Semiconductor FOD2711AS Datasheet HTML 5Page - Fairchild Semiconductor FOD2711AS Datasheet HTML 6Page - Fairchild Semiconductor FOD2711AS Datasheet HTML 7Page - Fairchild Semiconductor FOD2711AS Datasheet HTML 8Page - Fairchild Semiconductor FOD2711AS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2711 Rev. 1.0.1
August 2008
FOD2711
Optically Isolated Error Amplifier
Features
Optocoupler, precision reference and error amplifier in
single package
1.240V ± 1% reference
CTR 100% to 200%
5,000V RMS isolation
UL approval E90700, Volume 2
CSA approval 1296837
VDE approval 40002463
BSI approval 8702, 8703
Applications
Power supplies regulation
DC to DC converters
Description
The FOD2711 Optically Isolated Amplifier consists of the
popular RC431A precision programmable shunt refer-
ence and an optocoupler. The optocoupler is a gallium
arsenide (GaAs) light emitting diode optically coupled to
a silicon phototransistor. The reference voltage toler-
ance is 1%. The current transfer ratio (CTR) ranges from
100% to 200%.
It is primarily intended for use as the error amplifier/
reference voltage/optocoupler function in isolated AC to
DC power supplies and dc/dc converters.
When using the FOD2711, power supply designers can
reduce the component count and save space in tightly
packaged designs. The tight tolerance reference elimi-
nates the need for adjustments in many applications.
The device comes in a 8-pin dip white package.
Functional Bock Diagram
Package Outlines
8
8
1
8
1
1
1
2
3
4
5
6
7
8 LED
FB
COMP
GND
NC
C
E
NC


Similar Part No. - FOD2711AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
More results

Similar Description - FOD2711AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com