Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD2741CS Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FOD2741CS
Description  Optically Isolated Error Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2741CS Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FOD2741CS Datasheet HTML 4Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 5Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 6Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 7Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 8Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 9Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 10Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 11Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2741A, FOD2741B, FOD2741C Rev. 1.0.1
8
Typical Performance Curves
Fig. 10 – Reference Voltage vs. Ambient Temperature
ILED = 10mA
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
Fig. 11 – Reference Current vs Ambient Temperature
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
2.508
2.510
1.05
1.10
1.15
1.20
1.25
1.30
ILED = 10mA
R1 = 10k
TA = 25°C
VCOMP = VFB
Fig. 9a – LED Current vs. Cathode Voltage
-15
-10
-5
0
5
10
15
-1
0
1
2
VCOMP – CATHODE VOLTAGE (V)
3
Fig. 9b – LED Current vs. Cathode Voltage
-1.0
-0.5
0.0
0.5
1.0
–1
0
1
2
VCOMP – CATHODE VOLTAGE (V)
3
TA = 25°C
VCOMP = VFB
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
1
10
100
Fig. 12 – Off–State Current vs. Ambient Temperature
VCC = 37V
VF – FORWARD VOLTAGE (V)
5
0.9
1.0
1.1
1.2
70
°C
25
°C
0
°C
1.3
1.4
10
15
20
Fig. 13 – Forward Current vs. Forward Voltage


Similar Part No. - FOD2741CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2741CSDV FAIRCHILD-FOD2741CSDV Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2741CSV FAIRCHILD-FOD2741CSV Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
More results

Similar Description - FOD2741CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com