Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD3180V Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FOD3180V
Description  2A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3180V Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD3180V Datasheet HTML 1Page - Fairchild Semiconductor FOD3180V Datasheet HTML 2Page - Fairchild Semiconductor FOD3180V Datasheet HTML 3Page - Fairchild Semiconductor FOD3180V Datasheet HTML 4Page - Fairchild Semiconductor FOD3180V Datasheet HTML 5Page - Fairchild Semiconductor FOD3180V Datasheet HTML 6Page - Fairchild Semiconductor FOD3180V Datasheet HTML 7Page - Fairchild Semiconductor FOD3180V Datasheet HTML 8Page - Fairchild Semiconductor FOD3180V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3180 Rev. 1.0.6
August 2008
FOD3180
2A Output Current, High Speed MOSFET Gate Driver
Optocoupler
Features
Guaranteed operating temperature range of -40°C to
+100°C
2A minimum peak output current
High speed response: 200ns max propagation delay
over temperature range
250kHz maximum switching speed
30ns typ pulse width distortion
Wide VCC operating range: 10V to 20V
5000Vrms, 1 minute isolation
Under voltage lockout protection (UVLO) with
hysteresis
Minimum creepage distance of 7.0mm
Minimum clearance distance of 7.0mm
C-UL, UL and VDE* approved
RDS(ON) of 1.5Ω (typ.) offers lower power dissipation
15kV/µs minimum common mode rejection
Applications
Plasma Display Panel
High performance DC/DC convertor
High performance switch mode power supply
High performance uninterruptible power supply
Isolated Power MOSFET gate drive
*Requires ‘V’ ordering option
Description
The FOD3180 is a 2A Output Current, High Speed
MOSFET Gate Drive Optocoupler. It consists of a
aluminium gallium arsenide (AlGaAs) light emitting diode
optically coupled to a CMOS detector with PMOS and
NMOS output power transistors integrated circuit power
stage. It is ideally suited for high frequency driving of
power MOSFETs used in Plasma Display Panels
(PDPs), motor control inverter applications and high
performance DC/DC converters.
The device is packaged in an 8-pin dual in-line housing
compatible with 260°C reflow processes for lead free
solder compliance.
Functional Block Diagram
Package Outlines
1
2
3
4
8
7
6
5
FOD3180
NO CONNECTION
ANODE
CATHODE
NO CONNECTION
VCC
OUTPUT
OUTPUT
VEE
8
8
1
8
1
1
Note:
A 0.1µF bypass capacitor must be connected between pins 5 and 8.


Similar Part No. - FOD3180V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180V FAIRCHILD-FOD3180V Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180V ONSEMI-FOD3180V Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
More results

Similar Description - FOD3180V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com