Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC119TM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MOC119TM
Description  Photodarlington Optocoupler (No Base Connection)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC119TM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC119TM Datasheet HTML 1Page - Fairchild Semiconductor MOC119TM Datasheet HTML 2Page - Fairchild Semiconductor MOC119TM Datasheet HTML 3Page - Fairchild Semiconductor MOC119TM Datasheet HTML 4Page - Fairchild Semiconductor MOC119TM Datasheet HTML 5Page - Fairchild Semiconductor MOC119TM Datasheet HTML 6Page - Fairchild Semiconductor MOC119TM Datasheet HTML 7Page - Fairchild Semiconductor MOC119TM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC119M Rev. 1.0.3
3
Electrical Characteristics (T
A = 25°C unless otherwise specified.)
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
*Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10mA
1.15
1.5
V
CIN
Input Capacitance
VR = 0, f = 1MHz
18
pF
IR
Reverse Leakage Current
VR = 3.0V
0.05
100
µA
DETECTOR
BVCEO
Collector-Emitter Breakdown
Voltage
IC = 100µA
30
V
BVECO
Emitter-Collector Breakdown
Voltage
IE = 10µA
7
V
ICEO
Collector-Emitter Dark Current
VCE = 10V
100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Units
DETECTOR
CTR
Current Transfer Ratio
IF = 10mA, VCE = 2V
300
450
%
VCE (SAT)
Collector-Emitter
Saturation Voltage
IC = 10mA, IF = 10mA
1
V
SWITCHING TIMES
ton
Turn-on Time
VCE = 10V, RL = 100Ω,
IF = 5mA
3.5
µs
toff
Turn-off Time
95
µs
Symbol
Characteristic
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation
Voltage
f = 60Hz, t = 1 sec.
7500
Vac(pk)
RISO
Isolation Resistance
VI-O = 500VDC
1011
CISO
Isolation Capacitance
V = 0V, f = 1MHz
0.2
pF


Similar Part No. - MOC119TM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC119 MOTOROLA-MOC119 Datasheet
265Kb / 6P
   6-Pin DIP Optoisolator Darlington Output(No Base Connection)
logo
Fairchild Semiconductor
MOC119 FAIRCHILD-MOC119 Datasheet
88Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
More results

Similar Description - MOC119TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8021M FAIRCHILD-MOC8021M Datasheet
259Kb / 9P
   Photodarlington Optocoupler (No Base Connection)
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020 FAIRCHILD-MOC8020_1 Datasheet
393Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8030 FAIRCHILD-MOC8030 Datasheet
84Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC119 FAIRCHILD-MOC119 Datasheet
88Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
Vishay Siliconix
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com