Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC8050TM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MOC8050TM
Description  Photodarlington Optocoupler (No Base Connection)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8050TM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC8050TM Datasheet HTML 1Page - Fairchild Semiconductor MOC8050TM Datasheet HTML 2Page - Fairchild Semiconductor MOC8050TM Datasheet HTML 3Page - Fairchild Semiconductor MOC8050TM Datasheet HTML 4Page - Fairchild Semiconductor MOC8050TM Datasheet HTML 5Page - Fairchild Semiconductor MOC8050TM Datasheet HTML 6Page - Fairchild Semiconductor MOC8050TM Datasheet HTML 7Page - Fairchild Semiconductor MOC8050TM Datasheet HTML 8Page - Fairchild Semiconductor MOC8050TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
November 2007
©2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC8021M, MOC8050M Rev. 1.0.3
MOC8021M, MOC8050M
Photodarlington Optocoupler (No Base Connection)
Features
High BVCEO
– Minimum 50V (MOC8021M)
– Minimum 80V (MOC8050M)
High current transfer ratio:
– Minimum 1,000% (MOC8021M)
– Minimum 500% (MOC8050M)
500%
No base connection for improved noise immunity
Underwriters Laboratory (UL) recognized
File #E90700, Volume 2
IEC 60747-5-2 approved (ordering option V)
Applications
Appliances, measuring instruments
I/O interface for computers
Programmable controllers
Portable electronics
Interfacing and coupling systems of different
potentials and impedance
Solid state relays
Description
The MOC8021M and MOC8050M are photodarlington-
type optically coupled optocoupler. The devices have a
gallium arsenide infrared emitting diode coupled with a
silicon darlington phototransistor.
Schematic
EMITTER
COLLECT
N/C
OR
1
2
3
ANODE
CATHODE
4
5
6
N/C


Similar Part No. - MOC8050TM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
QT Optoelectronics
MOC8050 QT-MOC8050 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
logo
Siemens Semiconductor G...
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
logo
Fairchild Semiconductor
MOC8050 FAIRCHILD-MOC8050 Datasheet
84Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8050 ISOCOM-MOC8050 Datasheet
65Kb / 2P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results

Similar Description - MOC8050TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC119M FAIRCHILD-MOC119M Datasheet
235Kb / 8P
   Photodarlington Optocoupler (No Base Connection)
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020 FAIRCHILD-MOC8020_1 Datasheet
393Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8030 FAIRCHILD-MOC8030 Datasheet
84Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC119 FAIRCHILD-MOC119 Datasheet
88Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
Vishay Siliconix
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com