Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC8050VM Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MOC8050VM
Description  Photodarlington Optocoupler (No Base Connection)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8050VM Datasheet(HTML) 7 Page - Fairchild Semiconductor

  MOC8050VM Datasheet HTML 1Page - Fairchild Semiconductor MOC8050VM Datasheet HTML 2Page - Fairchild Semiconductor MOC8050VM Datasheet HTML 3Page - Fairchild Semiconductor MOC8050VM Datasheet HTML 4Page - Fairchild Semiconductor MOC8050VM Datasheet HTML 5Page - Fairchild Semiconductor MOC8050VM Datasheet HTML 6Page - Fairchild Semiconductor MOC8050VM Datasheet HTML 7Page - Fairchild Semiconductor MOC8050VM Datasheet HTML 8Page - Fairchild Semiconductor MOC8050VM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC8021M, MOC8050M Rev. 1.0.3
7
Ordering Information
Marking Information
Option
Order Entry Identifier
(Example)
Description
No suffix
MOC8050M
Standard Through Hole Device (50 parts per tube)
S
MOC8050SM
Surface Mount Lead Bend
SR2
MOC8050SR2M
Surface Mount; Tape and Reel
T
MOC8050TM
0.4" Lead Spacing
V
MOC8050VM
IEC60747-5-2
TV
MOC8050TVM
IEC60747-5-2, 0.4" Lead Spacing
SV
MOC8050SVM
IEC60747-5-2, Surface Mount
SR2V
MOC8050SR2VM
IEC60747-5-2, Surface Mount, Tape and Reel
MOC8050
V
X YY Q
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘7’
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Similar Part No. - MOC8050VM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
   6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
QT Optoelectronics
MOC8050 QT-MOC8050 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
logo
Siemens Semiconductor G...
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
logo
Fairchild Semiconductor
MOC8050 FAIRCHILD-MOC8050 Datasheet
84Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8050 ISOCOM-MOC8050 Datasheet
65Kb / 2P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results

Similar Description - MOC8050VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC119M FAIRCHILD-MOC119M Datasheet
235Kb / 8P
   Photodarlington Optocoupler (No Base Connection)
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020 FAIRCHILD-MOC8020_1 Datasheet
393Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8030 FAIRCHILD-MOC8030 Datasheet
84Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC119 FAIRCHILD-MOC119 Datasheet
88Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
Vishay Siliconix
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com