Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F2SR2M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CNY17F2SR2M
Description  Phototransistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17F2SR2M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CNY17F2SR2M Datasheet HTML 1Page - Fairchild Semiconductor CNY17F2SR2M Datasheet HTML 2Page - Fairchild Semiconductor CNY17F2SR2M Datasheet HTML 3Page - Fairchild Semiconductor CNY17F2SR2M Datasheet HTML 4Page - Fairchild Semiconductor CNY17F2SR2M Datasheet HTML 5Page - Fairchild Semiconductor CNY17F2SR2M Datasheet HTML 6Page - Fairchild Semiconductor CNY17F2SR2M Datasheet HTML 7Page - Fairchild Semiconductor CNY17F2SR2M Datasheet HTML 8Page - Fairchild Semiconductor CNY17F2SR2M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
CYN17XM, CNY17FXM, MOC810XM Rev. 1.0.7
4
Electrical Characteristics (Continued) (T
A = 25°C Unless otherwise specified.)
(1)
Transfer Characteristics (Continued)(3)
*All typicals at TA = 25°C
Notes:
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For test circuit setup and waveforms, refer to Figures 10 and 11.
4. For this test, Pins 1 and 2 are common, and Pins 4 are 5 are common.
Symbol
AC Characteristics(4)
Test Conditions
Min.
Typ.* Max. Units
NON-SATURATED SWITCHING TIME
ton
Turn-On Time
All Devices
IC = 2.0mA, VCC = 10V, RL = 100Ω
210
µs
toff
Turn-Off Time
All Devices
IC = 2.0mA, VCC = 10V, RL = 100Ω
310
µs
td
Delay Time
CNY17XM/XFM
IF = 10mA, VCC = 5V, RL = 75Ω
5.6
µs
tr
Rise Time
All Devices
IC = 2.0mA, VCC = 10V, RL = 100Ω
1µs
CNY17XM/FXM
IF = 10mA, VCC = 5V, RL = 75Ω
4.0
ts
Storage Time
CNY17XM/FXM
IF = 10mA, VCC = 5V, RL = 75Ω
4.1
µs
tf
Fall Time
All Devices
IC = 2.0mA, VCC = 10V, RL = 100Ω
2µs
CNY17XM/FXM
IF = 10mA, VCC = 5V, RL = 75Ω
3.5
SATURATED SWITCHING TIMES
ton
Turn-on Time
CNY171M/F1M
IF = 20mA, VCC = 5V, RL = 1kΩ
5.5
µs
CNY172M/3M/4M
CNY17F2M/F3M/F4M
IF = 10mA, VCC = 5V, RL = 1kΩ
8.0
tr
Rise Time
CNY171M/F1M
IF = 20mA, VCC = 5V, RL = 1kΩ
4.0
µs
CNY172M/3M/4M
CNY17F2M/F3M/F4M
IF = 10mA, VCC = 5V, RL = 1kΩ
6.0
td
Delay Time
CNY171M/F1M
IF = 20mA, VCC = 5V, RL = 1kΩ
5.5
µs
CNY172M/3M/4M
CNY17F2M/F3M/F4M
IF = 10mA, VCC = 5V, RL = 1kΩ
8.0
toff
Turn-off Time
CNY171M/F1M
IF = 20mA, VCE = 0.4V
34
µs
CNY172M/3M/4M
CNY17F2M/F3M/F4M
IF = 10mA, VCE = 0.4V
39
tf
Fall Time
CNY171M/F1M
IF = 20mA, VCC = 5V, RL = 1kΩ
20.0
µs
CNY172M/3M/4M
CNY17F2M/F3M/F4M
IF = 10mA, VCC = 5V, RL = 1kΩ
24.0
ts
Storage Time
CNY171M/F1M
IF = 20mA, VCC = 5V, RL = 1kΩ
34.0
µs
CNY172M/3M/4M
CNY17F2M/F3M/F4M
IF = 10mA, VCC = 5V, RL = 1kΩ
39.0


Similar Part No. - CNY17F2SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17F2 FAIRCHILD-CNY17F2 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY17F2 FAIRCHILD-CNY17F2 Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY17F23S FAIRCHILD-CNY17F23S Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
589Kb / 15P
   Phototransistor Optocouplers
More results

Similar Description - CNY17F2SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com