Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD2741CTV Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FOD2741CTV
Description  Optically Isolated Error Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2741CTV Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FOD2741CTV Datasheet HTML 7Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 8Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 9Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 10Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 11Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 12Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 13Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 14Page - Fairchild Semiconductor FOD2741CTV Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2741A, FOD2741B, FOD2741C Rev. 1.0.1
11
The FOD2741
The FOD2741 is an optically isolated error amplifier. It
incorporates three of the most common elements neces-
sary to make an isolated power supply, a reference volt-
age, an error amplifier, and an optocoupler. It is
functionally equivalent to the popular KA431 shunt volt-
age regulator plus the CNY17F-X optocoupler.
Powering the Secondary Side
The LED pin in the FOD2741 powers the secondary
side, and in particular provides the current to run the
LED. The actual structure of the FOD2741 dictates the
minimum voltage that can be applied to the LED pin: The
error amplifier output has a minimum of the reference
voltage, and the LED is in series with that. Minimum volt-
age applied to the LED pin is thus 2.5V + 1.5V = 4.0V.
This voltage can be generated either directly from the
output of the converter, or else from a slaved secondary
winding. The secondary winding will not affect regula-
tion, as the input to the FB pin may still be taken from the
output winding.
The LED pin needs to be fed through a current limiting
resistor. The value of the resistor sets the amount of
current through the LED, and thus must be carefully
selected in conjunction with the selection of the primary
side resistor.
Feedback
Output voltage of a converter is determined by selecting
a resistor divider from the regulated output to the FB pin.
The FOD2741 attempts to regulate its FB pin to the ref-
erence
voltage, 2.5V. The ratio of the two resistors should thus
be:
The absolute value of the top resistor is set by the input
offset current of 5.2µA. To achieve 0.5% accuracy, the
resistance of RTOP should be:
Compensation
The compensation pin of the FOD2741 provides the
opportunity for the designer to design the frequency
response of the converter. A compensation network may
be placed between the COMP pin and the FB pin. In typ-
ical low-bandwidth systems, a 0.1µF capacitor may be
used. For converters with more stringent requirements, a
network should be designed based on measurements of
the system’s loop. An excellent reference for this pro-
cess may be found in “Practical Design of Power Sup-
plies” by Ron Lenk, IEEE Press, 1998.
Secondary Ground
The GND pin should be connected to the secondary
ground of the converter.
No Connect Pins
The NC pins have no internal connection. They should
not have any connection to the secondary side, as this
may compromise the isolation structure.
Photo-Transistor
The Photo-transistor is the output of the FOD2741. In a
normal configuration the collector will be attached to a
pull-up resistor and the emitter grounded. There is no
base connection necessary.
The value of the pull-up resistor, and the current limiting
resistor feeding the LED, must be carefully selected to
account for voltage range accepted by the PWM IC, and
for the variation in current transfer ratio (CTR) of the
opto-isolator itself.
Example: The voltage feeding the LED pins is +12V, the
voltage feeding the collector pull-up is +10V, and the
PWM IC is the Fairchild KA1H0680, which has a 5V ref-
erence. If we select a 10k
Ω resistor for the LED, the
maximum current the LED can see is:
(12V–4V) / 10k
Ω = 800µA.
The CTR of the opto-isolator is a minimum of 100%, so
the minimum collector current of the photo-transistor
when the diode is full on is also 800µA. The collector
resistor must thus be such that:
select 12k
Ω to allow some margin.
R
TOP
R
BOTTOM
--------------------------
V
OUT
V
REF
--------------
1
=
V
OUT
2.5
R
TOP
-----------------------------
1040
µA
>
10V
5V
R
COLLECTOR
-----------------------------------
800
µA or R
COLLECTOR
6.25k
Ω;
>
<


Similar Part No. - FOD2741CTV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2741CTV FAIRCHILD-FOD2741CTV Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
More results

Similar Description - FOD2741CTV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com