Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW1-391A3 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW1-391A3
Description  LED Numeric Display Single Digit (0.39)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW1-391A3 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW1-391A3 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW1-391 SERIES
LED Numeric Display
Single Digit (0.39")
DESCRIPTION:
The KW1-391 series is 0.39 inch (10.00mm) height single digit display with
right DP designed for viewing distances of up to three meters.
This series is suitable for use in instruments, point of sales terminals and
electrical appliances.
All devices are available as either common anode or common cathode.
INTERNAL CIRCUIT DIAGRAM
AB C D E F G DP
3, 8
10 97542 1 6
AB C D E F G DP
3, 8
10 97542 1 6
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
700
1500
700
850
600
700
1500
700
850
600
1800
5000
1600
1900
1500
1800
5000
1600
1900
1500
Electro-optical Data(at 10mA)
KW1-391A3
KW1-391AS
KW1-391A2
KW1-391AG
KW1-391A6
KW1-391C3
KW1-391CS
KW1-391C2
KW1-391CG
KW1-391C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
+
B
A
DP
C
E
F
G
D
9.80
1.00
PIN 1
6.30
2.54*4=10.16
7.62
φ0.45
10
o


Similar Part No. - KW1-391A3

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-3001 LUCKY-LIGHT-KW1-3001 Datasheet
49Kb / 1P
   LED Numeric Display Single Digit (3.00")
KW1-3001A2 LUCKY-LIGHT-KW1-3001A2 Datasheet
49Kb / 1P
   LED Numeric Display Single Digit (3.00")
KW1-3001A26 LUCKY-LIGHT-KW1-3001A26 Datasheet
55Kb / 1P
   Multi-Color LED Numeric Display Single Digit (3.00)
KW1-3001A3 LUCKY-LIGHT-KW1-3001A3 Datasheet
49Kb / 1P
   LED Numeric Display Single Digit (3.00")
KW1-3001A32 LUCKY-LIGHT-KW1-3001A32 Datasheet
55Kb / 1P
   Multi-Color LED Numeric Display Single Digit (3.00)
More results

Similar Description - KW1-391A3

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNTS39 INOLUX-HNTS39 Datasheet
1Mb / 17P
   0.39 Single Digit Numeric Display
logo
Micro Electronics
MU140C MICRO-ELECTRONICS-MU140C Datasheet
61Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAY
logo
Lucky Light Electronic
KW4-391 LUCKY-LIGHT-KW4-391 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.39)
KW4-392 LUCKY-LIGHT-KW4-392 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.39)
logo
SunLED Corporation
DUR08C SUNLED-DUR08C Datasheet
186Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DMR08C-A SUNLED-DMR08C-A Datasheet
185Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DMR08A-A SUNLED-DMR08A-A Datasheet
185Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUG08C SUNLED-DUG08C Datasheet
186Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUY08A SUNLED-DUY08A Datasheet
187Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUG08A SUNLED-DUG08A Datasheet
186Kb / 4P
   9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com