Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD053LR2V Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FOD053LR2V
Description  LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD053LR2V Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FOD053LR2V Datasheet HTML 5Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 6Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 7Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 8Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 9Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 10Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 11Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 12Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD050L, FOD250L, FOD053L Rev. 1.0.2
9
Package Dimensions (Continued) (8-Pin SOIC)
Surface Mount
8-Pin Small Outline
0.024 (0.61)
0.050 (1.27)
0.155 (3.94)
0.275 (6.99)
0.060 (1.52)
Lead Coplanarity : 0.004 (0.10) MAX
PIN 1
ID.
0.202 (5.13)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.164 (4.16)
0.144 (3.66)
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)


Similar Part No. - FOD053LR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD053L FAIRCHILD-FOD053L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
FOD053L FAIRCHILD-FOD053L Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

Similar Description - FOD053LR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L_06 Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
639Kb / 14P
   LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
FOD050L FAIRCHILD-FOD050L_09 Datasheet
377Kb / 13P
   FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com