Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW1-801XY Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW1-801XY
Description  Multi-Color LED Numeric Display Single Digit (0.80)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW1-801XY Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW1-801XY Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW1-801XY SERIES
Multi-Color
LED Numeric Display
Single Digit (0.80")
DESCRIPTION:
The KW1-801XY series is large multi-color single digit display in 0.80 inch
(20.30mm) height designed for accurate readable displays need to be viewed
over a distance.
This series is suitable for use in instruments, digital readout displays.
All devices are available as either common anode or common cathode.
INTERNAL CIRCUIT DIAGRAM
5,18
A
2 1 17 16 1312 9 8 6 7 3 4 15 14
NC: 10, 11
BC
D
E
F
G
5,18
A
2 1 17 16 1312 9 8 6 7 3 4 15 14
NC: 10, 11
BC
D
E
F
G
11.60(0.457)
18.60(0.732)
8
o
φ2.5(0.098)
PIN 1.
+
15.24(0.600)
10.60(0.417)
3.0(0118) min.
φ0.50(0.020)
A
B
C
D
E
F
G
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Bright Red
Green
Super Red
Super Green
Yellow
Green
Hi-Eff Red
Green
Super Red
Super Green
Yellow
Green
Emitted
Color
GaAsP/GaP
GaP
GaAlAs
GaP
GaAsP/GaP
GaP
GaAsP/GaP
GaP
GaAlAs
GaP
GaAsP/GaP
GaP
Raw
Material
Chip
635
565
660
570
585
565
635
565
660
570
585
565
45
30
20
30
30
30
45
30
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.7
1.5
1.7
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
2.2
1.9
2.2
2.2
2.2
1.9
2.2
1.9
2.2
2.2
2.2
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
750
750
1500
850
700
750
750
750
1500
850
700
750
2000
2000
5000
2200
1600
2000
2000
2000
5000
2200
1600
2000
Electro-optical Data(at 10mA)
KW1-801A32
KW1-801ASG
KW1-801A26
KW1-801C32
KW1-801CSG
KW1-801C26
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.


Similar Part No. - KW1-801XY

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-801 LUCKY-LIGHT-KW1-801 Datasheet
48Kb / 1P
   LED Numeric Display Single Digit (0.80)
KW1-801A2 LUCKY-LIGHT-KW1-801A2 Datasheet
48Kb / 1P
   LED Numeric Display Single Digit (0.80)
KW1-801A3 LUCKY-LIGHT-KW1-801A3 Datasheet
48Kb / 1P
   LED Numeric Display Single Digit (0.80)
KW1-801A6 LUCKY-LIGHT-KW1-801A6 Datasheet
48Kb / 1P
   LED Numeric Display Single Digit (0.80)
KW1-801AG LUCKY-LIGHT-KW1-801AG Datasheet
48Kb / 1P
   LED Numeric Display Single Digit (0.80)
More results

Similar Description - KW1-801XY

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-801 LUCKY-LIGHT-KW1-801 Datasheet
48Kb / 1P
   LED Numeric Display Single Digit (0.80)
KW1-1201XY LUCKY-LIGHT-KW1-1201XY Datasheet
51Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.20)
KW1-1501XY LUCKY-LIGHT-KW1-1501XY Datasheet
51Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.50")
KW1-1002XY LUCKY-LIGHT-KW1-1002XY Datasheet
50Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.00)
KW1-1502XY LUCKY-LIGHT-KW1-1502XY Datasheet
51Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.50")
KW1-2301XY LUCKY-LIGHT-KW1-2301XY Datasheet
52Kb / 1P
   Multi-Color LED Numeric Display Single Digit (2.30")
KW1-3001XY LUCKY-LIGHT-KW1-3001XY Datasheet
55Kb / 1P
   Multi-Color LED Numeric Display Single Digit (3.00)
KW1-1001XY LUCKY-LIGHT-KW1-1001XY Datasheet
49Kb / 1P
   Multi-Color LED Numeric Display Single Digit (1.00)
KW2-801 LUCKY-LIGHT-KW2-801 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.80)
KW2-802 LUCKY-LIGHT-KW2-802 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.80)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com