Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD4218TV Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FOD4218TV
Description  6-Pin DIP Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD4218TV Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD4218TV Datasheet HTML 1Page - Fairchild Semiconductor FOD4218TV Datasheet HTML 2Page - Fairchild Semiconductor FOD4218TV Datasheet HTML 3Page - Fairchild Semiconductor FOD4218TV Datasheet HTML 4Page - Fairchild Semiconductor FOD4218TV Datasheet HTML 5Page - Fairchild Semiconductor FOD4218TV Datasheet HTML 6Page - Fairchild Semiconductor FOD4218TV Datasheet HTML 7Page - Fairchild Semiconductor FOD4218TV Datasheet HTML 8Page - Fairchild Semiconductor FOD4218TV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD420, FOD4208, FOD4216, FOD4218 Rev. 1.1.5
September 2008
FOD420, FOD4208, FOD4216, FOD4218
6-Pin DIP Triac Drivers
Features
300mA on-state current
High blocking voltage
– 800V (FOD4208, FOD4218)
– 600V (FOD420, FOD4216)
High trigger sensitivity
– 1.3mA (FOD4216, FOD4218)
– 2mA (FOD420, FOD4208)
High static dv/dt (10,000V/µs)
6 pin DIP dual in-line package
– available with surface mount leadform.
Lead free assembly
UL, VDE, FIMKO and C-UL approved
Applications
Solid-state relays
Industrial controls
Lighting controls
Static power switches
AC motor starters
Description
The FOD420, FOD4208, FOD4216 and FOD4218
devices consist of an infrared emitting diode coupled to a
hybrid random phase triac formed with two inverse
parallel SCRs which form the triac function capable of
driving discrete triacs. The FOD4216 and FOD4218
utilize a high efficiency infrared emitting diode which
offers an improved trigger sensitivity. These devices are
housed in a standard 6-pin dual in-line (DIP) package.
PackageSchematic
MAIN TERM.
NC*
N/C
*DO NOT CONNECT
(TRIAC SUBSTRATE)
1
2
3
ANODE
CATHODE
4
5
6 MAIN TERM.
6
1
6
1
6
1


Similar Part No. - FOD4218TV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD4218 ONSEMI-FOD4218 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
More results

Similar Description - FOD4218TV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
FOD420 ONSEMI-FOD420 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
540Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com