Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW1-561C2 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW1-561C2
Description  LED Numeric Display Single Digit (0.56)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW1-561C2 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW1-561C2 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW1-561 SERIES
LED Numeric Display
Single Digit (0.56")
DESCRIPTION:
The KW1-561 series is 0.56 inch (14.20mm) height single digit display with
right DP designed for viewing distances of up to seven meters.
This series is suitable for use in industrial controls, consumer products and
instrument panels.
All devices are available as either common anode or common cathode.
INTERNAL CIRCUIT DIAGRAM
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
750
5600
750
850
700
750
5600
750
850
700
2000
21000
2000
2200
1600
2000
21000
2000
2200
1600
Electro-optical Data(at 10mA)
KW1-561A3
KW1-561AS
KW1-561A2
KW1-561AG
KW1-561A6
KW1-561C3
KW1-561CS
KW1-561C2
KW1-561CG
KW1-561C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
1.35
12.70
2.46*4=9.84
15.24
PIN 1
8.10
8.0
o
+
A
B
C
D
DP
E
F
G
φ0.50
A
3, 8
BC D E F G DP
7 6 4 219 10 5
A
3, 8
BC D E F G DP
7 6 4 219 10 5


Similar Part No. - KW1-561C2

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-562 LUCKY-LIGHT-KW1-562 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.56)
KW1-562A2 LUCKY-LIGHT-KW1-562A2 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.56)
KW1-562A3 LUCKY-LIGHT-KW1-562A3 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.56)
KW1-562A6 LUCKY-LIGHT-KW1-562A6 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.56)
KW1-562AG LUCKY-LIGHT-KW1-562AG Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.56)
More results

Similar Description - KW1-561C2

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-562 LUCKY-LIGHT-KW1-562 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.56)
logo
Micro Electronics
MU156C MICRO-ELECTRONICS-MU156C Datasheet
59Kb / 2P
   0.56 SINGLE DIGIT NUMERIC DISPLAY
logo
Lucky Light Electronic
KW2-561 LUCKY-LIGHT-KW2-561 Datasheet
48Kb / 1P
   LED Numeric Display Dual Digit (0.56)
logo
SunLED Corporation
DMR14C-1 SUNLED-DMR14C-1 Datasheet
186Kb / 4P
   14.2mm (0.56?? SINGLE DIGIT NUMERIC DISPLAY
DMR14C SUNLED-DMR14C Datasheet
180Kb / 4P
   14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
DBBA14A-1 SUNLED-DBBA14A-1 Datasheet
190Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DBBA14C SUNLED-DBBA14C Datasheet
184Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUR14C SUNLED-DUR14C Datasheet
181Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUY14A SUNLED-DUY14A Datasheet
183Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUY14A-1 SUNLED-DUY14A-1 Datasheet
188Kb / 4P
   14.2mm (0.56?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com