Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT5201M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MCT5201M
Description  Low Input Current Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT5201M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MCT5201M Datasheet HTML 1Page - Fairchild Semiconductor MCT5201M Datasheet HTML 2Page - Fairchild Semiconductor MCT5201M Datasheet HTML 3Page - Fairchild Semiconductor MCT5201M Datasheet HTML 4Page - Fairchild Semiconductor MCT5201M Datasheet HTML 5Page - Fairchild Semiconductor MCT5201M Datasheet HTML 6Page - Fairchild Semiconductor MCT5201M Datasheet HTML 7Page - Fairchild Semiconductor MCT5201M Datasheet HTML 8Page - Fairchild Semiconductor MCT5201M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT5201M, MCT5210M, MCT5211M Rev. 1.1.0
5
Notes:
1. DC Current Transfer Ratio (CTRCE) is defined as the transistor collector current (ICE) divided by the input LED
current (IF) x 100%, at a specified voltage between the collector and emitter (VCE).
2. The collector base Current Transfer Ratio (CTRCB) is defined as the transistor collector base photocurrent(ICB)
divided by the input LED current (IF) time 100%.
3. Referring to Figure 14 the TPHL propagation delay is measured from the 50% point of the rising edge of the data
input pulse to the 1.3V point on the falling edge of the output pulse.
4. Referring to Figure 14 the TPLH propagation delay is measured from the 50% point of the falling edge of data input
pulse to the 1.3V point on the rising edge of the output pulse.
5. Delay time (td) is measured from 50% of rising edge of LED current to 90% of Vo falling edge.
6. Rise time (tr) is measured from 90% to 10% of Vo falling edge.
7. Storage time (ts) is measured from 50% of falling edge of LED current to 10% of Vo rising edge.
8. Fall time (tf) is measured from 10% to 90% of Vo rising edge.
9. CISO is the capacitance between the input (pins 1, 2, 3 connected) and the output, (pin 4, 5, 6 connected).
10. Device considered a two terminal device: Pins 1, 2, and 3 shorted together, and pins 5, 6 and 7 are shorted
together.


Similar Part No. - MCT5201M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results

Similar Description - MCT5201M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Diodes Incorporated
MOCD217R2M DIODES-MOCD217R2M Datasheet
2Mb / 10P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
logo
Fairchild Semiconductor
MOCD217-M FAIRCHILD-MOCD217-M_05 Datasheet
113Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com