Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW3-301CG Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW3-301CG
Description  LED Numeric Display Three Digit (0.30)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW3-301CG Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW3-301CG Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW3-301 SERIES
LED Numeric Display
Three Digit (0.30")
DESCRIPTION:
The KW3-301 series is 0.30 inch (7.62mm) height three digit display with
right DPs designed for viewing distances of up to three meters.
This series is suitable for use in instruments, point of sales terminals and
electrical appliances.
All devices are available as either common anode or common cathode.
INTERNAL CIRCUIT DIAGRAM
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
700
1500
700
850
600
700
1500
700
850
600
1800
5000
1600
1900
1500
1800
5000
1600
1900
1500
Electro-optical Data(at 10mA)
KW3-301A3
KW3-301AS
KW3-301A2
KW3-301AG
KW3-301A6
KW3-301C3
KW3-301CS
KW3-301C2
KW3-301CG
KW3-301C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
10
o
22.00
2.54*5=12.70
10.16
φ0.5
7.40
7.40
4.00
0.80
DIG.1
DIG.2
DIG.3
PIN 1.
A
B
C
E
FG
DDP
1
87 6 5 4 11 12 9
DIG.1
10 NO PIN
DIG.2
DIG.3
AB C D E F G DP AB C D E F G DP AB C D E F G DP
23
1
87 6 5 4 11 12 9
DIG.1
10 NO PIN
DIG.2
DIG.3
AB C D E F G DP AB C D E F G DP AB C D E F G DP
23


Similar Part No. - KW3-301CG

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW3-361 LUCKY-LIGHT-KW3-361 Datasheet
52Kb / 1P
   LED Numeric Display Three Digit (0.36)
KW3-361A2 LUCKY-LIGHT-KW3-361A2 Datasheet
52Kb / 1P
   LED Numeric Display Three Digit (0.36)
KW3-361A3 LUCKY-LIGHT-KW3-361A3 Datasheet
52Kb / 1P
   LED Numeric Display Three Digit (0.36)
KW3-361A6 LUCKY-LIGHT-KW3-361A6 Datasheet
52Kb / 1P
   LED Numeric Display Three Digit (0.36)
KW3-361AG LUCKY-LIGHT-KW3-361AG Datasheet
52Kb / 1P
   LED Numeric Display Three Digit (0.36)
More results

Similar Description - KW3-301CG

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-303 LUCKY-LIGHT-KW1-303 Datasheet
49Kb / 1P
   LED Numeric Display Single Digit (0.30")
KW2-301 LUCKY-LIGHT-KW2-301 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.30)
KW4-305 LUCKY-LIGHT-KW4-305 Datasheet
52Kb / 1P
   LED Numeric Display Four Digit (0.30")
KW1-301 LUCKY-LIGHT-KW1-301 Datasheet
48Kb / 1P
   LED Numeric Display Single Digit (0.30
KW1-302 LUCKY-LIGHT-KW1-302 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (0.30")
KW4-301 LUCKY-LIGHT-KW4-301 Datasheet
55Kb / 1P
   LED Numeric Display Four Digit (0.30)
logo
Inolux Corporation
HNTD30 INOLUX-HNTD30 Datasheet
1Mb / 17P
   0.30 Dual Digit Numeric Display
logo
Lucky Light Electronic
KWE-401 LUCKY-LIGHT-KWE-401 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.40)
KWE-501 LUCKY-LIGHT-KWE-501 Datasheet
49Kb / 1P
   LED Numeric Display Three Digit (0.50)
KW3-401 LUCKY-LIGHT-KW3-401 Datasheet
52Kb / 1P
   LED Numeric Display Three Digit (0.40)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com