Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJA4213 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FJA4213
Description  PNP Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJA4213 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FJA4213 Datasheet HTML 1Page - Fairchild Semiconductor FJA4213 Datasheet HTML 2Page - Fairchild Semiconductor FJA4213 Datasheet HTML 3Page - Fairchild Semiconductor FJA4213 Datasheet HTML 4Page - Fairchild Semiconductor FJA4213 Datasheet HTML 5Page - Fairchild Semiconductor FJA4213 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SA1962/FJA4213 Rev. A2
4
Typical Characteristics
Figure 7. Power Derating
Figure 8. Safe Operating Area
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
160
T
C
[
oC], CASE TEMPERATURE
110
100
-0.01
-0.1
-1
-10
-100
*SINGLE NONREPETITIVE
PULSE T
C=25[
oC]
10ms*
100ms*
DC
I
C MAX. (Pulsed*)
I
C MAX. (DC)
V
CE [V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - FJA4213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJA4213 FAIRCHILD-FJA4213 Datasheet
93Kb / 5P
   Audio Power Amplifier
logo
ON Semiconductor
FJA4213OTU ONSEMI-FJA4213OTU Datasheet
484Kb / 8P
   PNP Epitaxial Silicon Transistor
January 2009 Rev. C
FJA4213RTU ONSEMI-FJA4213RTU Datasheet
484Kb / 8P
   PNP Epitaxial Silicon Transistor
January 2009 Rev. C
More results

Similar Description - FJA4213

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com