Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJA4313OTU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJA4313OTU
Description  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJA4313OTU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJA4313OTU Datasheet HTML 1Page - Fairchild Semiconductor FJA4313OTU Datasheet HTML 2Page - Fairchild Semiconductor FJA4313OTU Datasheet HTML 3Page - Fairchild Semiconductor FJA4313OTU Datasheet HTML 4Page - Fairchild Semiconductor FJA4313OTU Datasheet HTML 5Page - Fairchild Semiconductor FJA4313OTU Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SC5242/FJA4313 Rev. A3
2
Electrical Characteristics* T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width=20
µs, Duty Cycle≤2%
Ordering Information
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=5mA, IE=0
230
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=10mA, RBE=∞
230
V
BVEBO
Emitter-Base Breakdown Voltage
IE=5mA, IC=0
5
V
ICBO
Collector Cut-off Current
VCB=230V, IE=0
5.0
µA
IEBO
Emitter Cut-off Current
VEB=5V, IC=0
5.0
µA
hFE1
DC Current Gain
VCE=5V, IC=1A
55
160
hFE2
DC Current Gain
VCE=5V, IC=7A
35
60
VCE(sat)
Collector-Emitter Saturation Voltage
IC=8A, IB=0.8A
0.4
3.0
V
VBE(on)
Base-Emitter On Voltage
VCE=5V, IC=7A
1.0
1.5
V
fT
Current Gain Bandwidth Product
VCE=5V, IC=1A
30
MHz
Cob
Output Capacitance
VCB=10V, f=1MHz
200
pF
Part Number
Marking
Package
Packing Method
Remarks
2SC5242RTU
C5242R
TO-3P
TUBE
hFE1 R grade
2SC5242OTU
C5242O
TO-3P
TUBE
hFE1 O grade
FJA4313RTU
J4313R
TO-3P
TUBE
hFE1 R grade
FJA4313OTU
J4313O
TO-3P
TUBE
hFE1 O grade


Similar Part No. - FJA4313OTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FJA4313OTU ONSEMI-FJA4313OTU Datasheet
475Kb / 8P
   NPN Epitaxial Silicon Transistor
January 2009 Rev. C
More results

Similar Description - FJA4313OTU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com