Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5099EMX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5099EMX
Description  Wide Frequency Synchronous Buck PW & LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099EMX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5099EMX Datasheet HTML 2Page - Fairchild Semiconductor FAN5099EMX Datasheet HTML 3Page - Fairchild Semiconductor FAN5099EMX Datasheet HTML 4Page - Fairchild Semiconductor FAN5099EMX Datasheet HTML 5Page - Fairchild Semiconductor FAN5099EMX Datasheet HTML 6Page - Fairchild Semiconductor FAN5099EMX Datasheet HTML 7Page - Fairchild Semiconductor FAN5099EMX Datasheet HTML 8Page - Fairchild Semiconductor FAN5099EMX Datasheet HTML 9Page - Fairchild Semiconductor FAN5099EMX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.5
6
Electrical Characteristics (Continued)
Notes:
2. All limits at operating temperature extremes are guaranteed by design, characterization, and statistical quality control.
3. AC specifications guaranteed by design/characterization (not production tested).
4. For a case when VCC is higher than the typical 5V VCC, voltage observed at VCC pin when the internal shunt regulator
is sinking current to keep voltage on VCC pin constant.
5. Test Conditions: VLDO_IN = 1.5V and VLDO_OUT = 1.2V.
Unless otherwise noted, VCC = 5V, TA = 25°C, using the circuit in Figure 1. The ‘’ denotes that the specifications apply
to the full ambient operating temperature range.(2, 3)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Error Amplifier
DC Gain
80
dB
GBWP
Gain-BW Product
25
MHz
S/R
Slew Rate
10pF across COMP to GND
8
V/
μS
Output Voltage Swing
No Load
0.5
4.0
V
IFB
FB Pin Source Current
μA
Gate Drive
RHUP
HDRV Pull-up Resistor
Sourcing
1.8
3.0
Ω
RHDN
HDRV Pull-down Resistor
Sinking
1.8
3.0
Ω
RLUP
LDRV Pull-up Resistor
Sourcing
1.8
3.0
Ω
RLDN
LDRV Pull-down Resistor
Sinking
1.2
2.0
Ω
Protection/Disable
ILIM
ILIMIT Source Current
9
10
11
μA
ISWPD
SW Pull-down Current
SW = 1V, EN = 0V
mA
VUV
Under-Voltage Threshold
As % of set point;
2
μS noise filter
65
75
80
%
VOV
Over-Voltage Threshold
As % of set point;
2
μS noise filter
110
115
120
%
Supply Current
TSD
Thermal Shutdown
160
°C
VEN
Enable Threshold Voltage
Enable Condition
2.0
V
Disable Condition
0.8
V
Enable Source Current
VCC = 5V
50
μA
Enable Sink Current
VCC = 5V and fault conditions
(overload, short-circuit,
over-voltage, under-voltage)
10
μA
Low Drop-Out (LDO)(5)
VLDOREF
Reference Voltage
(measured at FBLDO pin)
TA = 0°C to 70°C
775
800
825
mV
TA = -40°C to 85°C
770
800
830
mV
Regulation
0A
≤ I
LOAD ≤ 5A
1.17
1.20
1.23
V
VLDO_DO Drop-out Voltage
ILOAD ≤ 5A and RDS-ON < 50mΩ
0.3
V
External Gate Drive
VCC = 4.75V
4.5
V
VCC = 5.6V
5.3
V
Gate Drive Source Current
1.2
mA
Gate Drive Sink Current
400
μA


Similar Part No. - FAN5099EMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099EMX FAIRCHILD-FAN5099EMX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
More results

Similar Description - FAN5099EMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com