Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJD5555 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJD5555
Description  NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJD5555 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJD5555 Datasheet HTML 1Page - Fairchild Semiconductor FJD5555 Datasheet HTML 2Page - Fairchild Semiconductor FJD5555 Datasheet HTML 3Page - Fairchild Semiconductor FJD5555 Datasheet HTML 4Page - Fairchild Semiconductor FJD5555 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJD5555 Rev. A2
1
April 2008
FJD5555
NPN Silicon Transistor
High Voltage Switch Mode Application
• Fast Speed Switching
• Wide Safe Operating Area
• Suitable for Electronic Ballast Application
Absolute Maximum Ratings * T
C=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics T
a=25°C unless otherwise noted
* Device mounted on minimum pad size
Package Marking and Ordering Information
Symbol
Parameter
Value
Units
BVCBO
Collector-Base Voltage
1050
V
BVCEO
Collector-Emitter Voltage
400
V
BVEBO
Emitter-Base Voltage
14
V
IC
Collector Current (DC)
5
A
ICP
Collector Current (Pulse)
10
A
IB
Base Current (DC)
2
A
IBP
Collector Current (Pulse)
4
A
PC
Collector Dissipation.
1.34
W
TJ
Junction Temperature
150
°C
TSTG
Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Value
Units
RθJA
Thermal Resistance, Junction to Ambient
95
°C/W
Part Number
Marking
Package
Packing Method
Remarks
FJD5555TM
J5555
D-PAK
Tape & Reel
1. Base 2. Collector 3. Emitter
1
DPAK
Marking : J5555


Similar Part No. - FJD5555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJD5553 FAIRCHILD-FJD5553 Datasheet
169Kb / 5P
   NPN Silicon Transistor
logo
Inchange Semiconductor ...
FJD5553 ISC-FJD5553 Datasheet
268Kb / 2P
    isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
FJD5553TM FAIRCHILD-FJD5553TM Datasheet
169Kb / 5P
   NPN Silicon Transistor
More results

Similar Description - FJD5555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com