Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW4-283C2 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW4-283C2
Description  LED Numeric Display Four Digit (0.28)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW4-283C2 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW4-283C2 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW4-283 SERIES
LED Numeric Display
Four Digit (0.28")
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
700
1500
700
850
600
700
1500
700
850
600
1800
5000
1600
1900
1500
1800
5000
1600
1900
1500
Electro-optical Data(at 10mA)
KW4-283A3
KW4-283AS
KW4-283A2
KW4-283AG
KW4-283A6
KW4-283C3
KW4-283CS
KW4-283C2
KW4-283CG
KW4-283C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
DESCRIPTION:
The KW4-283 series is 0.28 inch (7.00mm) height four digit display.
All devices are available as either common anode or common cathode.
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
INTERNAL CIRCUIT DIAGRAM
2.54*6=15.24
7.62
φ0.45
8.00*3=24.00
32.10
PIN 1
10.0
O
0.80
4.50
+
DIG.1
DIG.2
DIG.3
DIG.4
9
5
11
12
1
14 8 6 2.7 4 13 10 3
A B C D E
F G D1
A B C D
E F G D2 D6 D5
D3
AB C D E F G
D4
AB C D
E F G
DIG.1
DIG.2
DIG.3
DIG.4
9
5
11
12
1
14 8 6 2.7 4 13 10 3
A B C D E
F G D1
A B C D
E F G D2 D6 D5
D3
AB C D E F G
D4
AB C D
E F G
DIG.1
DIG.2
D2
D1
D5
D6
D3
D4
B
C
D
E
F
G
A
DIG.3
DIG.4


Similar Part No. - KW4-283C2

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW4-281 LUCKY-LIGHT-KW4-281 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-281A2 LUCKY-LIGHT-KW4-281A2 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-281A3 LUCKY-LIGHT-KW4-281A3 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-281A6 LUCKY-LIGHT-KW4-281A6 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-281AG LUCKY-LIGHT-KW4-281AG Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
More results

Similar Description - KW4-283C2

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW4-282 LUCKY-LIGHT-KW4-282 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-281 LUCKY-LIGHT-KW4-281 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-284 LUCKY-LIGHT-KW4-284 Datasheet
48Kb / 1P
   LED Numeric Display Four Digit (0.28)
logo
Inolux Corporation
HNTQ28 INOLUX-HNTQ28 Datasheet
1Mb / 17P
   0.28 Four Digit Numeric Display
logo
SunLED Corporation
DUG07A4 SUNLED-DUG07A4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
DUR07A4 SUNLED-DUR07A4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
DUR07C4 SUNLED-DUR07C4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
DMR07C4 SUNLED-DMR07C4 Datasheet
192Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
DUG07C4 SUNLED-DUG07C4 Datasheet
194Kb / 4P
   7mm (0.28?? FOUR DIGIT NUMERIC DISPLAY
DMR07A4 SUNLED-DMR07A4 Datasheet
193Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com