Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW4-331CG Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW4-331CG
Description  LED Numeric Display Four Digit (0.33)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW4-331CG Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW4-331CG Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW4-331 SERIES
LED Numeric Display
Four Digit (0.33")
INTERNAL CIRCUIT DIAGRAM
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
700
1500
700
850
600
700
1500
700
850
600
1800
5000
1600
1900
1500
1800
5000
1600
1900
1500
Electro-optical Data(at 10mA)
KW4-331A3
KW4-331AS
KW4-331A2
KW4-331AG
KW4-331A6
KW4-331C3
KW4-331CS
KW4-331C2
KW4-331CG
KW4-331C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
DESCRIPTION:
The KW4-331 series is 0.33 inch (7.60mm) height four digit display.
All devices are available as either common anode or common cathode.
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
D1
DIG.1
DIG.2
DIG.3
DIG.4
D2
D3
D4
D5
D6
+
PIN1
6.20
0.80
10.0
o
4.40
30.00
10.16
φ0.50
2.54*9=22.86
8.00
8.00
4.30
1
19
D2 D1 B C A
B C D E
F G
A
B C D E
F G A
B C D E
F G
D3 D4
D5 D6
20
14
18 15 11
16
13 4
3
217
5
6
12
7
DIG.4
DIG.3
DIG.2
DIG.1
9
810
1
19
D2 D1 B C A
B C D E
F G
A
B C D E
F G A
B C D E
F G
D3 D4
D5 D6
20
14
18 15 11
16
13 4
3
217
5
6
12
7
DIG.4
DIG.3
DIG.2
DIG.1
9
810


Similar Part No. - KW4-331CG

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW4-332 LUCKY-LIGHT-KW4-332 Datasheet
48Kb / 1P
   LED Numeric Display Four Digit (0.33)
KW4-332A2 LUCKY-LIGHT-KW4-332A2 Datasheet
48Kb / 1P
   LED Numeric Display Four Digit (0.33)
KW4-332A3 LUCKY-LIGHT-KW4-332A3 Datasheet
48Kb / 1P
   LED Numeric Display Four Digit (0.33)
KW4-332A6 LUCKY-LIGHT-KW4-332A6 Datasheet
48Kb / 1P
   LED Numeric Display Four Digit (0.33)
KW4-332AG LUCKY-LIGHT-KW4-332AG Datasheet
48Kb / 1P
   LED Numeric Display Four Digit (0.33)
More results

Similar Description - KW4-331CG

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW4-332 LUCKY-LIGHT-KW4-332 Datasheet
48Kb / 1P
   LED Numeric Display Four Digit (0.33)
logo
BRIGHT LED ELECTRONICS ...
BQ-N30DRD BRIGHT-BQ-N30DRD Datasheet
144Kb / 3P
   0.33(8.40MM) FOUR DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LFD3J5-61-XX-PF LIGITEK-LFD3J5-61-XX-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.33 Inch)
logo
BRIGHT LED ELECTRONICS ...
BQ-N306RD BRIGHT-BQ-N306RD Datasheet
147Kb / 3P
   0.33(8.40MM) FOUR DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LFD355-61-XX-PF LIGITEK-LFD355-61-XX-PF Datasheet
151Kb / 9P
   FOUR DIGIT LED DISPLAY (0.33 Inch)
LFD355-62-XX-PF LIGITEK-LFD355-62-XX-PF Datasheet
151Kb / 9P
   FOUR DIGIT LED DISPLAY (0.33 Inch)
logo
Lucky Light Electronic
KW4-402 LUCKY-LIGHT-KW4-402 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.40)
KW4-562 LUCKY-LIGHT-KW4-562 Datasheet
50Kb / 1P
   LED Numeric Display Four Digit (0.56)
KW4-282 LUCKY-LIGHT-KW4-282 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.28)
KW4-521 LUCKY-LIGHT-KW4-521 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.52)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com