Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP7G50US60 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FP7G50US60
Description  Transfer Molded Type IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FP7G50US60 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FP7G50US60 Datasheet HTML 2Page - Fairchild Semiconductor FP7G50US60 Datasheet HTML 3Page - Fairchild Semiconductor FP7G50US60 Datasheet HTML 4Page - Fairchild Semiconductor FP7G50US60 Datasheet HTML 5Page - Fairchild Semiconductor FP7G50US60 Datasheet HTML 6Page - Fairchild Semiconductor FP7G50US60 Datasheet HTML 7Page - Fairchild Semiconductor FP7G50US60 Datasheet HTML 8Page - Fairchild Semiconductor FP7G50US60 Datasheet HTML 9Page - Fairchild Semiconductor FP7G50US60 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
FP7G50US60 Rev. A
76
54
12
3
14.50
+0.50
-0.80
93.00±0.50
23.50±0.50
23.00±0.50
23.00±0.50
16.22±0.50
5.08±0.50
80.00±0.30
(14.00)
(9.00)
(14.00)
(9.00)
(14.00)
(6.50)
(10.00)
(6.50)
(10.00)
10.00±0.10
12.20±0.30
18.40±0.50
9.60±0.10
1.00±0.10
(R
1.0
0)
(9
)
(5°)
(7
°)
(R
1.6
5)


Similar Part No. - FP7G50US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FP7G100US60 FAIRCHILD-FP7G100US60 Datasheet
924Kb / 10P
   Transfer Molded Type IGBT Module
FP7G75US60 FAIRCHILD-FP7G75US60 Datasheet
823Kb / 10P
   Transfer Molded Type IGBT Module
More results

Similar Description - FP7G50US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FP7G100US60 FAIRCHILD-FP7G100US60 Datasheet
924Kb / 10P
   Transfer Molded Type IGBT Module
FP7G75US60 FAIRCHILD-FP7G75US60 Datasheet
823Kb / 10P
   Transfer Molded Type IGBT Module
logo
Mitsubishi Electric Sem...
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
logo
Fuji Electric
1MBK50D-060S FUJI-1MBK50D-060S Datasheet
390Kb / 5P
   Molded IGBT
1MBK30D-060S FUJI-1MBK30D-060S Datasheet
443Kb / 5P
   Molded IGBT
1MBH15-120 FUJI-1MBH15-120_01 Datasheet
260Kb / 5P
   Molded IGBT
logo
Mitsubishi Electric Sem...
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com