Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C2162048LL-100B Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V62C2162048LL-100B
Description  Ultra Low Power 128K x 16 CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C2162048LL-100B Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V62C2162048LL-100B Datasheet HTML 1Page - Mosel Vitelic, Corp V62C2162048LL-100B Datasheet HTML 2Page - Mosel Vitelic, Corp V62C2162048LL-100B Datasheet HTML 3Page - Mosel Vitelic, Corp V62C2162048LL-100B Datasheet HTML 4Page - Mosel Vitelic, Corp V62C2162048LL-100B Datasheet HTML 5Page - Mosel Vitelic, Corp V62C2162048LL-100B Datasheet HTML 6Page - Mosel Vitelic, Corp V62C2162048LL-100B Datasheet HTML 7Page - Mosel Vitelic, Corp V62C2162048LL-100B Datasheet HTML 8Page - Mosel Vitelic, Corp V62C2162048LL-100B Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
V62C2162048L(L)
2
SIDE VIEW
BOTTOM VIEW
48 Ball - 9x12 fpBGA (Ultra Low Power)
PACKAGE OUTLINE DWG.
SYMBOL
UNIT:MM
D
D1
6
5
4
3
2
1
A
B
C
D
E
F
G
H
aaa
b
SOLDER BALL
A
1.05+0.15
A1
0.25+0.05
0.35+.05
0.30(TYP)
12.00+0.10
5.25
9.00+0.10
b
c
D
D1
E
E1
e
aaa
3.75
0.75TYP
0.10
1
2
3
4
5
6
MOSEL VITELIC V62C2162048L(L)B
1
2
3
4
5
6
A
B
C
D
E
F
G
H
BLE
I/O9
I/O10
VSS
VCC
I/O15
I/O16
NC
OE
BHE
I/O11
I/O12
I/O13
I/O14
NC
A8
A0
A3
A5
NC
NC
A14
A12
A9
A1
A4
A6
A7
A16
A15
A13
A10
A2
CE
I/O2
I/O4
I/O5
I/O6
WE
A11
NC
I/O1
I/O3
VCC
VSS
I/O7
I/O8
NC
Top View
Note: NC means no Ball.
Top View
REV. 1.3 OCT 2001 V62C2162048L(L)


Similar Part No. - V62C2162048LL-100B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-100T MOSEL-V62C2161024L-100T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-55T MOSEL-V62C2161024L-55T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-70T MOSEL-V62C2161024L-70T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-85T MOSEL-V62C2161024L-85T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C2162048LL-100B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com