Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFH60UP40S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FFH60UP40S
Description  60A, 400V UItrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFH60UP40S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FFH60UP40S Datasheet HTML 1Page - Fairchild Semiconductor FFH60UP40S Datasheet HTML 2Page - Fairchild Semiconductor FFH60UP40S Datasheet HTML 3Page - Fairchild Semiconductor FFH60UP40S Datasheet HTML 4Page - Fairchild Semiconductor FFH60UP40S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FFH60UP40S Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current vs.
Reverse Voltage
Figure 3.Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Current vs. di/dt
Figure 6. Forward Current Derating Curve
0.0
0.5
1.0
1.5
2.0
1
10
100
T
C = 75
o
C
T
C = 125
o
C
Forward Voltage, V
F
[V]
T
C = 25
o
C
400
90
180
0.001
0.01
0.1
1
10
100
10
T
C = 125
o
C
T
C = 25
o
C
T
C = 75
o
C
Reverse Voltage, V
R [V]
260
0.1
1
10
100
0
400
800
1200
1600
2000
Typical Capacitance
at 0V = 1660 pF
Reverse Voltage, V
R
[V]
100
200
300
400
500
30
60
90
120
150
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
di/dt [A/μs]
I
F = 60A
25
50
75
100
125
150
0
40
80
120
Case temperature, T
C
[
o
C]
100
200
300
400
500
0
4
8
12
16
20
24
I
F = 60A
TC = 75
o
C
TC = 25
o
C
T
C = 125
o
C
di/dt [A/μs]


Similar Part No. - FFH60UP40S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFH60UP40S FAIRCHILD-FFH60UP40S Datasheet
502Kb / 6P
   60A, 400V UItrafast Rectifier
logo
Inchange Semiconductor ...
FFH60UP40S ISC-FFH60UP40S Datasheet
403Kb / 2P
   Ultrafast Rectifier
logo
Fairchild Semiconductor
FFH60UP40S3 FAIRCHILD-FFH60UP40S3 Datasheet
502Kb / 6P
   60A, 400V UItrafast Rectifier
More results

Similar Description - FFH60UP40S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFH60UP40S3 FAIRCHILD-FFH60UP40S3 Datasheet
502Kb / 6P
   60A, 400V UItrafast Rectifier
logo
MacMic
MM60F040B MACMIC-MM60F040B Datasheet
302Kb / 3P
   400V 60A FRED
logo
Nihon Inter Electronics...
P2H60F4 NIEC-P2H60F4 Datasheet
155Kb / 3P
   FRD MODULE 60A/400V
logo
Digitron Semiconductors
MBR6035 DIGITRON-MBR6035 Datasheet
851Kb / 4P
   60A SCHOTTKY RECTIFIER
MBR6045WT DIGITRON-MBR6045WT Datasheet
158Kb / 2P
   60A SCHOTTKY RECTIFIER
MBR6045PT DIGITRON-MBR6045PT Datasheet
146Kb / 2P
   60A SCHOTTKY RECTIFIER
logo
Silicon Supplies
MURC1540 SS-MURC1540 Datasheet
1Mb / 4P
   400V 15A 60ns Rectifier
Rev 1.0 27/12/22
1N4004 SS-1N4004 Datasheet
283Kb / 2P
   400V 1A Standard Rectifier
Rev 1.0 25/08/23
logo
Diodes Incorporated
SBL6030PT DIODES-SBL6030PT_1 Datasheet
74Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
DS30050 Rev. 5 - 2
SBL6030PT DIODES-SBL6030PT Datasheet
63Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIER
DS30050 Rev. B-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com